PART |
Description |
Maker |
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
MAX5302EUA MAX5302CUA MAX5302 MAX5302EUA-T MAX5302 |
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface 低功耗2位、电压输出DAC,串行接 Low-Power, 12-Bit Voltage-Output DAC with Serial Interface SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Low-Power / 12-Bit Voltage-Output DAC with Serial Interface Low-Power 12-Bit Voltage-Output DAC with Serial Interface From old datasheet system Digital to Analog Converter - Datasheet Reference
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
5962F9211804Q9B 5962F9211804VYA 5962F9211804VYC 59 |
Low-Power, Serial, 14-Bit DACs with Voltage-Output Low-Power, Serial, 14-Bit DACs with Force-Sense Voltage-Output Precision High-Voltage Reference in SOT23 Controller Miscellaneous - Datasheet Reference 控制器杂数据表参
|
Actel, Corp.
|
MAX5307 MAX5306-MAX5307 MAX5307EUENBSP MAX5307EUE |
" Low-Power, Low-Glitch, Octal 12-Bit Voltage-Output DACs with Serial Interface" From old datasheet system MAX5306/MAX5307 Low-Power, Low-Glitch, Octal 12-Bit Voltage-Output DACs
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc
|
P87C552 P87C552SBAA |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
|
PHILIPS[Philips Semiconductors]
|
TMP87C409BN TMP87C409BM 87C809 TMP87C809BN TMP87C8 |
(TMP87Cx09xx) CMOS 8-bit Microcontroller Low Voltage, Low Power, 16-/24-Bit, Dual Sigma Delta ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
|
Toshiba Semiconductor Toshiba Corporation
|
5962F9562601QYC 5962F9562601QXC 5962F9562601VYC 59 |
Low-Power, Serial, 12-Bit DACs with Force-Sense Voltage-Output x8 PROM Low-Power, Serial, 12-Bit DACs with Voltage-Output x8胎膜早破
|
Electronic Theatre Controls, Inc.
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|