PART |
Description |
Maker |
FAN2110 FAN2110EMPX FAN2110MPX |
TinyBuckT - 10A, 24V Input, Integrated Synchronous Buck Regulator; Package: 25-MLP 5x6; Container: Tape & Reel TinyBuck垄芒, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator TinyBuck? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
|
FAIRCHILD SEMICONDUCTOR CORP
|
SLG59H1017V |
A 13.3 mΩ, 4 A, Integrated Power Switch with 12V/24V Input Lockout Select and Analog Current Monitor Output
|
Dialog Semiconductor
|
LTC2348ILX-16PBF |
Octal, 16-Bit, 200ksps Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2335HLX-18PBF |
18-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
ML100.200 |
24V 4.2A, TWO-PHASE INPUT
|
PULS GmbH
|
BP5047A24 |
AC220V input, 24V/150mA output
|
Rohm
|
CP5.241-18 CP5.242 |
24V, 5A, 120W, SINGLE PHASE INPUT
|
PULS GmbH
|
QS40.244 |
24V, 40A, SINGLE PHASE INPUT
|
PULS GmbH
|
MAX1999 |
7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
|
Maxim Integrated Produc...
|
V24B12E200BF2 V24B12E200BF3 V24B12E200BG2 V24B12E2 |
24V Input Mini Family DC-DC Converter Module
|
Vicor Corporation
|