PART |
Description |
Maker |
TDA204012 |
25-watt hi-fi audio power amplifier
|
STMicroelectronics
|
LY8898-13 |
3.2 Watt Audio Power Amplifier
|
Lyontek Inc.
|
LY8891-12 LY8891BL LY8891UL |
2.0 Watt Audio Power Amplifier
|
Lyontek Inc.
|
TDA2040 TDA2040H |
25-watt hi-fi audio power amplifier
|
STMicroelectronics
|
SSM2211S-REEL SSM2211S-REEL7 ANALOGDEVICESINC-SSM2 |
Low Distortion 1.5 Watt Audio Power Amplifier
|
Analog Devices, Inc.
|
NCP4894FCT1G NCP4894_07 NCP4894 NCP4894DMR2 NCP489 |
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
|
ONSEMI[ON Semiconductor]
|
NCP9002FCT2G NCP9002 |
1.3 Watt Audio Power Amplifier with Fast Turn On Time
|
ON Semiconductor
|
LM4877IBPX |
1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low
|
NS
|
AT49LV002T-70TI AT49BV002T-12TC AT49LV002T-12TC AT |
LM4897 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out; Package: MINI SOIC; No of Pins: 10 LM4898 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: MICRO SMD; No of Pins: 9 LM4250 Programmable Operational Amplifier; Package: TO-99; No of Pins: 8 LM4899 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain; Package: MICRO SMD; No of Pins: 9 LM4890 1 Watt Audio Power Amplifier; Package: SOIC NARROW; No of Pins: 8 LM4888 Boomer ® Audio Power Amplifier Series Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement; Package: LLP; No of Pins: 24 LM41 Hardware Monitor with Thermal Diode Inputs and SensorPath™ Bus; Package: TSSOP; No of Pins: 14 LM4894 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: LLP; No of Pins: 10 LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 12 LM48861 PowerWise® Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 12 LM4890 1 Watt Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 LM4893 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 LM4880 Boomer ® Audio Power Amplifier Series Dual 250 mW Audio Power Amplifier with Shutdown Mode; Package: SOIC NARROW; No of Pins: 8 MB41C 41#20 SKT RECP MB 41C 41#20 PIN RECP LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I 2 C Volume Control and Reset; Package: MICRO SMD; No of Pins: 16 256K X 8 FLASH 3V PROM, 90 ns, PDSO32 LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I 2 C Volume Control and Reset 256K X 8 FLASH 3V PROM, 90 ns, PDIP32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 3V PROM, 90 ns, PDIP32 LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 120 ns, PQCC32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 LM4884 Boomer ® Audio Power Amplifier Series 2.1W Differential Input, BTL Output Stereo Audio Amplifier with RF Suppression and Shutdown; Package: TSSOP EXP PAD; No of Pins: 20 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 MB 21C 21#16 PIN RECP 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM4893 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 3V PROM, 90 ns, PDSO32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 3V PROM, 70 ns, PDIP32 LM4899 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain; Package: MICRO SMD; No of Pins: 9 LM4898 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: MICRO SMD; No of Pins: 9
|
Atmel Corp. Atmel, Corp.
|
TA7280 TA7280P TA7281P E003333 |
80 AMP MINI-ISO AUTOMOTIVE RELAY (TA7280P / TA7281P) 5.8W DUAL / 22W BTL AUDIO POWER AMPLIFIER 5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MAX9711 MAX9710 MAX9710-MAX9711 MAX9711ETC MAX9710 |
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Synchronous 8-Bit Up/Down Counters 24-CDIP -55 to 125 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Mono 3W Audio BTL Amplifier Stereo 3W Audio BTL Amplifier From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TDA7498 |
100-watt 100-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|
|