PART |
Description |
Maker |
TS-16 |
TEMPERATURE CONTROL DIN RAIL
|
Bud Industries, Inc.
|
16M0WC 16M0WS 16M0X 16M0XC 16M0XS 16M0 16M0B 16M0B |
60V 300mA MONOLITHIC DIODE ARRAY 6 PIN MINI DIN CABLE MF 3 FT 6 PIN MINI DIN CABLE MF 10 FT APPLE IIC CABLE TO IWRTR MODEM 6 PIN MINI DIN CABLE MF 2FT PC SERIAL MODEM CBL 50 FT 6 PIN MINI DIN FF 10-FT 6 PIN MINI DIN CABLE MM 2FT 6 PIN MINI DIN FF 6 MINI DIN 8, MALE-MALE 15 FT. 6 PIN MINI DIN CABLE MM 3FT 6 PIN MINI DIN CABLE MM 10 FT 6 PIN MINI DIN CABLE FF 2FT KEYBD.EXT. MINI DIN 4 MM 10 FT KEYBD.EXT. MINI DIN 4 MM 6 FT 6 PIN MINI DIN CABLE FF 3 FT MINI DIN 8, MALE-MALE 10 FT. Connector assemblies, Keyboard Computer cables; 6 PIN MINI DIN CABLE MF 10 FT 0.3 A, 16 ELEMENT, SILICON, SIGNAL DIODE 6 PIN MINI DIN CABLE MF 3 FT 0.3 A, 16 ELEMENT, SILICON, SIGNAL DIODE 6 PIN MINI DIN CABLE MM 3FT 0.3 A, 16 ELEMENT, SILICON, SIGNAL DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LOWELL
|
EM12D15-750 EM24D15-750 EM48D15-750 EM12S15-1500 E |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 24-SOIC Synchronous Buck Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC Multi-Purpose Precision Multiphase PWM Controller With Optional Active Voltage Positioning; Temperature Range: -40°C to 85°C; Package: 20-QFN Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 28-SOIC Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 32-QFN 模拟IC Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R 模拟IC 3-in-1 ACPI Regulator/Controller for Dual Channel DDR and DDR2 Memory Systems; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 模拟IC
|
Electronic Theatre Controls, Inc. Electronic Devices, Inc. Square D by Schneider Electric
|
0850017005 |
2.54mm (.100") Pitch DIN 41612 B Style Male Header, High Temperature Housing, Right Angle
|
Molex Electronics Ltd.
|
EDS11-158C |
PX series digital temperature controller MICRO-CONTROLLER X (48 × 48 mm)
|
Fuji Electric
|
8609XXX81X4XX5 |
DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C)
|
FCI-CONNECTOR[FCI connector]
|
86093967113745000E 8609XXX7113XX5 8609364711374500 |
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
|
FCI-CONNECTOR[FCI connector]
|
PE7201-60 |
60 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PI74FCT2241TR PI74FCT241ATS PI74FCT2244ATP PI74FCT |
1A Synchronous Buck-Boost High Current LED Driver; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C 位反向缓冲器/驱动 Dual 4-Bit Non-Inverting Buffer/Driver 位非反向缓冲驱动
|
STMicroelectronics N.V. Switchcraft, Inc.
|