PART |
Description |
Maker |
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
LPC2101 LPC2101FBD48 LPC2102 LPC2102FBD48 LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|
LPC2102FBD48 LPC2102FHN48 LPC2101 LPC2101FBD48 LPC |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
NXP Semiconductors
|
KLCS-47E KMP47C1660F KMP47C1660N KMP47C1237N KMP47 |
4-BIT MICROCONTROLLERS 4位微控制 (KMP47C1xx) 4-BIT MICROCONTROLLERS (KMP47C421 - KMP47C423) 4-BIT MICROCONTROLLERS
|
Korea Electronics (KEC) KEC Holdings KEC[KEC(Korea Electronics)] http://
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
KS88P8432 KS88C8424 |
SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
|
Samsung semiconductor
|
KS88C8424 KS88C8432 |
SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
|
SAMSUNG[Samsung semiconductor]
|
KS88C01416 KS88P01416 KS88P01424 KS88C01424 |
KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU/ a wide range of integrated peripherals and various mask-progra KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KS88C6216 KS88C6224 KS88P6232 KS88C6232 |
SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KS86P4304 KS86C4302 KS86C4304 |
SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
|
Samsung semiconductor
|
P89LPC915FDH P89LPC916FDH P89LPC917FDH P89LPC917FD |
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter; Package: SOT403-1 (TSSOP16) 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDSO16 P89LPC915/916/917; 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
|
NXP Semiconductors N.V. Philips
|