PART |
Description |
Maker |
B82412-A3100-M B82412-A1102- B82412-A1103- B82412- |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
|
EPCOS[EPCOS]
|
B82432-T |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
|
EPCOS[EPCOS]
|
B82422-A1102-100 B82422-A1103-100 B82422-A1104-100 |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
|
EPCOS AG EPCOS[EPCOS]
|
B82422-AXXX |
Size 1210 (EIA) or 3225 (IEC) Rated inductance
|
EPCOS
|
DFE18SANR47MG0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR56ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR24ME0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DR331-1-103 DR331-1-102 42-331-1-223 42-331-1-684 |
DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 10µH. Rated Current 3.9 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1.0µH. Rated Current 6.8 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 22µH. Rated Current 2.7 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 15µH. Rated Current 3.1 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 33µH. Rated Current 2.1 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 100µH. Rated Current 1.3 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 68µH. Rated Current 1.5 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm.
|
DATATRONIC DISTRIBUTION INC
|
DR331-4-333 |
DR331-4 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 33µH. Rated Current 3.0 Amps. Operating Temp. -40°C to 85°C. Size: 18.54mm x 15.24mm x 7.11mm.
|
DATATRONIC DISTRIBUTION INC
|
DFE201210S-1R0M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
1239AS-H-1R5M 1239AS-H-1R5M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
1239AS-H-100M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|