PART |
Description |
Maker |
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
MAX6106 MAX6102 MAX6104 MAX6107 MAX6103 MAX6100-MA |
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO3 (MAX6100 - MAX6107) Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References "Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX985 MAX985-MAX994 MAX990EKA-T MAX990EUA MAX989E |
1Gbps.High-Speed Limiting Amplifier with Chatter-Free Loss of Signal Detection[MAX3262/MAX3262C/D/MAX3262CAG/MAX3262CAG-T ] Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
OP490G 5962-8967001CA OP490 OP490E OP490F OP490GS |
Low-Voltage Micropower Quad Operational Amplifier Low Voltage Micropower Quad Operational Amplifier From old datasheet system
|
AD[Analog Devices]
|
TS332 TS334IDT TS331 TS332IQ2T |
Micropower low-voltage rail-to-rail comparator Micropower low-voltage, rail-to-rail comparators
|
ST Microelectronics STMicroelectronics
|
ADP1109AN ADP1109AN-33 ADP1109AN-5 ADP1109AR ADP11 |
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-DC Converter Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter CIR 55C 55#16 PIN RECP WALL Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter 1.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 1.2 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
Analog Devices, Inc. http://
|
5TT6 5TT8 5TT2 5TT3 5TT4 5TT5 5TT125 5TTP1.25 5TTP |
1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References CMOS, Micropower, Inverting Switching Regulator 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit Dual/Triple-Voltage µP Supervisory Circuits
|
|
NJU7072M NJU7072D NJU7072 NJU7071D NJU7071M NJU707 |
LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER 2.5-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
REF197GRU4 REF198ES3 |
REF19x Series: Precision Micropower. Low Dropout. Low Voltage References Data Sheet (Rev. E. 1/03) REF19x系列:精密微。低压差。低电压基准数据(牧师大肠杆1 / 03
|
Micro Commercial Components, Corp. Maxim Integrated Products, Inc.
|