PART |
Description |
Maker |
VSC7226 |
(ns): 240 (@16.8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PRDP0064BA
|
Vitesse Semiconductor Corporation.
|
FF-1069A-3B |
Operating voltage = 125 / 250 Vac Operating current = 3 Amps
|
JMK Inc.
|
FF-1319-13C |
Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
|
JMK Inc.
|
ZG-1435-5B |
Operating Voltage = 125/250 Vac Operating Current = 5.0 Ampere
|
JMK Inc.
|
LL-0221-20 |
Operating Voltage = 115/250 V~ Operating Current = 20 Amps
|
JMK Inc.
|
LBT16601 |
166.8MHz SAW Filter 7.8MHz Bandwidth
|
SIPAT Co,Ltd
|
KK-0851-15 |
Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
|
JMK Inc.
|
LTC1159CG-5PBF LTC1159CS-3.3PBF LTC1159CSPBF LTC11 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO20 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LT1737ISTR LT1737CGN LT1737ISPBF LT1737CSPBF LT173 |
High Power Isolated Flyback Controller; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16 High Power Isolated Flyback Controller SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16 High Power Isolated Flyback Controller; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LX1691AIPW |
Enhanced Multi-Mode CCFL Controller 0.1 A FLUORESCENT LIGHT CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16
|
Microsemi, Corp.
|