PART |
Description |
Maker |
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
2SK2029-01L 2SK2029-01S |
Spinnaker DC Fan; Operating Voltage: 24 Volts; Voltage Range: 12 - 28 Volts; Power Supply: 30.0 Watts; Line Current: 1.25 Amps; Locked Rotor Current 2.00 Amps; Nominal Speed: 2500 RPM N-CHANNEL MOS-FET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
NTMD3P03R2-D NTMD3P03R2 NTMD3P03R2/D |
Power MOSFET -3.05 Amps-30 Volts Power MOSFET -3.05 Amps, -30 Volts Dual P?Channel SO(-3.05 A, -30 V,双P通道,SO-8封装的功率MOSFET) Power MOSFET -3.05 Amps, -30 Volts Dual P-Channel SO-8
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
MTB2P50ET4 MTB2P50ET4G MTB2P50E |
Power MOSFET 2 Amps, 500 Volts(2A, 500V功率MOSFET) 2 A, 500 V, 6 ohm, P-CHANNEL, Si, POWER, MOSFET Power MOSFET 2 Amps, 500 Volts P−Channel D2PAK
|
ON Semiconductor
|
3810 3811 7111 7113 7114 7115 7116 7117 7118 7119 |
T-3/4 subminiature, miniature flanged lamp. 1.5 volts, 0.010 amps. T-3/4 subminiature, miniature flanged lamp. 1.5 volts, 0.015 amps. T-3/4 subminiature, bi-pin lamp. 2.5 volts, 0.110 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.060 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.075 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.080 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.115 amps. T-3/4 subminiature, miniature flanged lamp. 2.5 volts, 0.110 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.115 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.015 amps. T-3/4 subminiature, bi-pin lamp. 1.5 volts, 0.010 amps. T-3/4 subminiature, bi-pin lamp. 1.5 volts, 0.015 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.080 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.015 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.060 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.075 amps.
|
Gilway Technical Lamp
|
MMDF3N03HDR2 MMDF3N03HD MMDF3N03HD-D |
Power MOSFET 3 Amps, 30 Volts 4.1 A, 30 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 3 Amps, 30 Volts N-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
1N70-T92-B 1N70-T92-K 1N70L-T92-B 1N70L-T92-K |
1.2 Amps, 700 Volts N-CHANNEL MOSFET
|
Unisonic Technologies
|
12N70 12N70-TA3-T 12N70-TF3-T 12N70L-TA3-T 12N70L- |
12 Amps, 700 Volts N-CHANNEL MOSFET
|
Unisonic Technologies
|
UT40N03 UT40N03G-TM3-T UT40N03G-TN3-R UT40N03L-TN3 |
40 Amps, 30 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
|