PART |
Description |
Maker |
UR1113F UB1113F-TR UR1113F-TR UC1113F |
Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin Single Color Ultra High Brightness Type
|
STANLEY ELECTRIC CO.,LTD. STANLEY ELECTRIC CO.,LT...
|
SLA-570MT SLA-570 SLA-570LT |
High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
DRD270UC120 DRD347UC154 DRD347UH154 DRT105U030F046 |
DISC TYPE DIELECTRIC RESONATOR, 1980 MHz - 2140 MHz DISC TYPE DIELECTRIC RESONATOR, 1540 MHz - 1660 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5080 MHz - 5510 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4190 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8910 MHz - 9680 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1970 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 3000 MHz - 3260 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4550 MHz
|
MURATA MANUFACTURING CO LTD
|
SLR343WBD2PT SLR3431 SLR343 |
楼玫3.1(T-1) Circular Type High Brightness Type Angle 2楼猫1/2 : 40隆? ?3.1(T-1) Circular Type High Brightness Type Angle 2胃1/2 : 40掳 φ3.1(T-1) Circular Type High Brightness Type Angle 2θ1/2 : 40°
|
Rohm
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
SLA560WBC7T SLA560WB |
φ5.0(T-1 3/4) Circular Type Standard Type Angle 2θ1/2 : 40° 楼玫5.0(T-1 3/4) Circular Type Standard Type Angle 2楼猫1/2 : 40隆? φ5.0(T-1 3/4) Circular Type Standard Type <Viewing Angle 2θ1/2 : 40°>
|
Rohm
|
DRD1170518U80B00T DRD1270563U20B00T D2931302U80A00 |
DISC TYPE DIELECTRIC RESONATOR, 4560 MHz - 4960 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4560 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1980 MHz DISC TYPE DIELECTRIC RESONATOR, 6380 MHz - 6930 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4200 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3550 MHz DISC TYPE DIELECTRIC RESONATOR, 10540 MHz - 11460 MHz DISC TYPE DIELECTRIC RESONATOR, 2340 MHz - 2540 MHz
|
MURATA MANUFACTURING CO LTD
|
BCR20B BCR20E BCR20A BCR20C |
MEDIUM POWER USE A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
|
Mitsubishi Electric Semiconductor
|
LM32K10 LM32K101 |
Medium Size Graphic Type LCD Module 中等大小图形型液晶显示模 Sensor Cable Assembly; Connector Type A:Straight Circular Plug, 3 Positions, Socket Contacts; Connector Type B:Stripped End Leads; Cable Length:6ft 中等大小图形型液晶显示模
|
Sharp, Corp.
|
AQY210LS AQY210LSZ AQY210LSX |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
687860003 |
HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 32, 2.0m (6.56 ), Lead free
|
Molex Electronics Ltd.
|
SLC-22YY SLC-22 SLC-22DU SLC-22MG SLC-22VR |
Standard Type 2.0 Cylinder Type LED Lamps Small cylindrical LEDs (.0 mm)
|
ROHM[Rohm] Rohm CO.,LTD.
|