PART |
Description |
Maker |
S3590-18 |
Si PIN photodiode Large area Si PIN photodiode for scintillation counting 硅PIN光电二极管的闪烁计数大面积硅PIN光电二极
|
Hamamatsu Photonics K.K.
|
VTH2090 VTH2091 |
LARGE AREA PIN PHOTODIODE
|
PerkinElmer Optoelectro... PERKINELMER[PerkinElmer Optoelectronics] http://
|
S1723-05 S1722-02 |
Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
|
Hamamatsu Photonics
|
SD630-70-72-500 |
Non-Cooled Large Area Red Silicon Avalanche Photodiode
|
Advanced Photonix, Inc.
|
SD197-70-72-591 |
Cooled Large Area Red Silicon Avalanche Photodiode
|
Advanced Photonix, Inc.
|
S2744 S2744-08 S2744-09 S3588-08 S3588-09 |
MOSFET, Switching; VDSS (V): 150; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.089; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V Si PIN photodiode Large area sensors for scintillation detection 硅PIN光电二极管的大面积闪烁探测传感器
|
Hamamatsu Photonics K.K.
|
FID3Z1LX FID3Z1KX |
The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
|
List of Unclassifed Manufacturers ETC[ETC]
|
FID3Z2LX FID3Z2KX |
The FID3Z2KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
|
List of Unclassifed Manufacturers ETC[ETC]
|
SMP400G-BB |
PIN. Photodiode(Low Noise,Widest Spectral Response,Excellent Linearity)(PIN. 光电二极低噪声,最宽频谱响极好的线性特性)) P.I.N. PHOTODIODE
|
Semelab(Magnatec) Seme LAB
|
SMP690G-JPS |
PIN. Photodiode(Excellent Linearity,Low Noise,Wide Spectral Response)(PIN. 光电二极极好线性特性,低噪声,宽谱响应 P.I.N. PHOTODIODE
|
Seme LAB
|
SMP525G-FM |
P.I.N. PHOTODIODE PIN. Photodiode(Low Noise,Wide Spectral Response)(PIN. 光电二极平衡接收角,低噪声,宽谱响应
|
Seme LAB
|