PART |
Description |
Maker |
LT1995CMS LT1995CDDPBF LT1995IDDPBF LT1995CMSTRPBF |
32MHz, 1000V/μs Gain Selectable Amplifier 30MHz, 1000V/µs Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C INSTRUMENTATION AMPLIFIER, 11500 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO10 30MHz, 1000V/µs Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 13000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO10 30MHz, 1000V/µs Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
FQD2N100 FQU2N100 FQU2N100TU FQD2N100TF FQD2N100TM |
1000V N-Channel QFET 1000V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRHY7G30CMSE |
1000V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-257AA package RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA) 1000V, N-CHANNEL RAD Hard⑩ HEXFET TECHNOLOGY RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA) 1000V, N-CHANNEL RAD Hard HEXFET TECHNOLOGY
|
International Rectifier
|
APT1004R2KN APT1004RKN |
POWER MOS IV 1000V 3.6A 4.00 Ohm / 1000V 3.5A 4.20 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
STU7NB100 6508 |
N - CHANNEL 1000V - 1.2 - 7.3A - Max220 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STW11NK100Z |
N-CHANNEL 1000V 1.1 OHM 8.3A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 1000V - 1.1W - 8.3A TO-247 Zener-Protected SuperMESH⑩Power MOSFET
|
ST Microelectronics STMicroelectronics
|
HGTG20N100D2 |
20A, 1000V N-Channel IGBT 34 A, 1000 V, N-CHANNEL IGBT, TO-247 20A/ 1000V N-Channel IGBT
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STP3NB100 STP3NB100FP 6249 |
N-Channel 1000V-5.3Ω-3A- TO-220/TO-220FP PowerMESH MOSFET(N沟道MOSFET) N沟道1000V -5.3Ω- 3A条,TO-220/TO-220FP PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET From old datasheet system
|
Bel Fuse, Inc. STMICROELECTRONICS[STMicroelectronics]
|
KBU4K KBU4J |
VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
GBJ10005 |
Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
RS1505G |
VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnologie...
|