PART |
Description |
Maker |
NV2RZDC12V0.64 NV2RZDC12V0.93 NV2R NV2RSDC12V0.93 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc.
|
157AVG063MGBJ 397AVG035MGBJ 126AVG160MGBJ 337AVG01 |
Small Size - High Temperature ?Low ESR ?High Ripple Current ?Stable with Temperature ?High Frequency
|
Illinois Capacitor, Inc...
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
C1206C225K3NACTU |
Ceramic, 150C-(CxxxxC), 2.2 uF, 10%, 25 V, 1206, X8L, SMD, MLCC, High Temperature, Temperature Stable
|
Kemet Corporation
|
C1206C105K3NACTU |
Ceramic, 150C-(CxxxxC), 1 uF, 10%, 25 V, 1206, X8L, SMD, MLCC, High Temperature, Temperature Stable
|
Kemet Corporation
|
MPXA6115A MPXH6115A |
MPXA6115A High Temperature Accuracy Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter or Barometer Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
|
Motorola
|
125293U020AJ1B 125114U005AJ1B 125114U6R3AC1B 12523 |
The Pace-Setter for Long Life and High Temperature Type 125 -55 篓卢C to 125 篓卢C, Ultra-High Temperature, Military Grade Type 125 -55 潞C to 125 潞C, Ultra-High Temperature, Military Grade Type 125 -55 oC to 125 oC, Ultra-High Temperature, Military Grade Type 125 -55 ìC to 125 ìC, Ultra-High Temperature, Military Grade
|
Cornell Dubilier Electr... List of Unclassifed Man... ETC List of Unclassifed Manufacturers http:// Cornell Dubilier Electronics
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
T502B106K016AG6110 |
Tantalum, MnO2 Tantalum, High Temperature, T502, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, High Temperature, 230C, N/A, 2.8 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
EL2223 EL2223C EL2223J EL2223CJ EL2223L/883B EL222 |
12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-SOIC Laser Diode Driver with Waveform Generator; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-TSSOP High Speed Operational Amplifier Dual, 500 MHz High Speed, Operational Amplifier
|
Elantec Semiconductor
|
CXOMHT |
High Temperature/High Stability/Fast Start-up/High Shock
|
STATEK CORPORATION
|
TX7-705C-S-HP |
High precision SMD TCXO High frequency stability vs. temperature 0.10 ppm
|
QUARTZCOM the communications company
|
|