PART |
Description |
Maker |
NV23107 NV2312CSDC10VN NV2312CSDC10VS NV2312ASDC10 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc
|
A3187ELT A3187EUA A3187LLT A3187LT UGN3175SUA A318 |
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应锁存器的高温作业 SENSOR IC 5CH 5V 5MA SGL 28-SSOP Hall-Effect Latch For High-Temperature Operation(工作于高温的霍尔效应锁存 Hall-effect latche for high-temperature operation
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
XT36C |
Surface Mount Microprocessor Crystals 10.0MHz - 64.0MHz, Withstands Solder and Reflow Techniques, Slimline Profile, Tape and Reel (Standard 1000 Pieces)
|
Vishay
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
MPXV5050VC6T1 |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
HEDS-5120-A13 HEDT-9100 HEDS-5120-A14 HEDT-9101-I0 |
HEDT-9101#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9100#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9001#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HIGH TEMPERATURE 125 DEGREE CELCIOUS TWO CHANNEL OPTICAL INCREMENTAL ENCODER MODULES ANALOG Replaced PQ025EH02ZPH High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules 高温125℃双通道光学增量编码器模 SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd.
|
125293U020AJ1B 125114U005AJ1B 125114U6R3AC1B 12523 |
The Pace-Setter for Long Life and High Temperature Type 125 -55 篓卢C to 125 篓卢C, Ultra-High Temperature, Military Grade Type 125 -55 潞C to 125 潞C, Ultra-High Temperature, Military Grade Type 125 -55 oC to 125 oC, Ultra-High Temperature, Military Grade Type 125 -55 ìC to 125 ìC, Ultra-High Temperature, Military Grade
|
Cornell Dubilier Electr... List of Unclassifed Man... ETC List of Unclassifed Manufacturers http:// Cornell Dubilier Electronics
|
SM6HT24A SM6HT27A SM6HT36A SM6HT43A 6565 SM6HTXXA |
From old datasheet system HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS HIGH TEMPERATURE TRANSILTM FOR AUTOMOTIVE APPLICATIONS
|
STMICROELECTRONICS[STMicroelectronics]
|
LP25-122-KT151W LP12-112-KT151W LP12-163-KT151W LP |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 1200 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 16000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 5100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1600 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 150 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 390 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 30 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 33 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.6 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 2.4 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.3 ohm, THROUGH HOLE MOUNT RTD TEMP SENSOR-PLATINUM RESISTOR, TEMPERATURE DEPENDENT, PTC, 75 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 20 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 24 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 82 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 6800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 180 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 820 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 680 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 22 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 11 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 13 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 56 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 160 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.8 ohm, THROUGH HOLE MOUNT
|
RCD Components, Inc. Golledge Electronics, Ltd. RCD COMPONENTS INC
|
T2035H-600TRG T2035H-600G-TR T2035H T2035H-600G T2 |
Snubberless?/a> high temperature 20 A Triacs Snubberless high temperature 20 A Triacs Snubberless⑩ high temperature 20 A Triacs
|
STMicroelectronics
|
NRT335M06 NRA155M25 NRB474K25 NRC473K16 NRC473K20 |
High-Temperature Durability 高温耐久 R Series Chip High-Temperature Durability
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers http:// NEC List of Unclassifed Man...
|
AM2149-70PCB AM2149-70DCB AM2149-70LCB AM21L48-55D |
x4 SRAM Dual 100MHz Current Feedback Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Quad 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 4-Input Video Multiplexer with 75MHz Current Feedback Amplifier; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 500MHz, 3nV/rtHz, AV >=10 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 100MHz Current Feedback Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C Low Dropout Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 140MHz Video Current Feedback Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise Very High Speed Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Power, High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x4的SRAM 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C x4的SRAM 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C x4的SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C x4的SRAM 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x4的SRAM 500MHz, 3nV/rtHz, AV >=10 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Amphenol, Corp. Glenair, Inc.
|
|