PART |
Description |
Maker |
2SC5226A 2SC5226A12 ENA1062A |
RF Transistor, 10V, 70mA, fT=7GHz, NPN Single MCP VHF to UHF Wide-Band Low-Noise Amplifi er Applications
|
ON Semiconductor Sanyo Semicon Device
|
LTC6605-7 LTC6605CDJC-7-PBF LTC6605CDJC-7-TRPBF LT |
Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
|
Linear Technology
|
MGA-64606-BLKG |
Low Noise Amplifi er with switchable Bypass/Shutdown Mode in Low Profi le Package
|
AVAGO TECHNOLOGIES LIMI...
|
LTC6404IUD-1-PBF LTC6404IUD-1-TRPBF LTC6404IUD-2-P |
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PQCC16 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
2SK2394-7-TB-E 2SK2394-6-TB-E 2SK239412 |
N-Channel Junction Silicon FET Low-Noise HF Amplifi er Applications
|
Sanyo Semicon Device
|
CPH6904 |
N-Channel Silicon MOSFET High-Frequency Low-Noise Amplifi er Applications
|
Sanyo Semicon Device
|
LT1993IUD-4 LT1993CUD-4 LT1993CUD-4TRPBF |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
|
Linear Technology, Corp.
|
SBFP540M |
Ultrahigh-Frequency Transistors UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
|
Sanyo Semicon Device
|
SBFP420M |
UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
|
SANYO[Sanyo Semicon Device]
|
OP27EJ OP27GS OP27EP OP37AJ OP37AZ OP37BJ OP37BZ O |
Low Noise Precision Operational Amplifiers Low-Noise Precision Operaional Amplifiers OP-AMP, 60 uV OFFSET-MAX, 8 MHz BAND WIDTH, CDIP8 Low-Noise Precision Operaional Amplifiers OP-AMP, 140 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDIP8 Low-Noise Precision Operaional Amplifiers OP-AMP, 220 uV OFFSET-MAX, 8 MHz BAND WIDTH, BCY8 Low-Noise Precision Operaional Amplifiers OP-AMP, 60 uV OFFSET-MAX, 63 MHz BAND WIDTH, BCY8
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Analog Devices Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC6410-6 LTC6410CUD-6-PBF LTC6410CUD-6-TRPBF LTC6 |
Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
|
Linear Technology
|