PART |
Description |
Maker |
2SK2604 |
N CHANNEL MOS TYPE (HGIH SPEED/ HIGH VOLTAGE SWITCHIN/ SWITCHING REGULATOR APPLICATIONS) N CHANNEL MOS TYPE (HGIH SPEED, HIGH VOLTAGE SWITCHIN, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BUX82 |
HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR
|
Seme LAB
|
MT5375-UV-HP |
Dimension in mm High power, high-speed, narrow beam angle, high reliablitiy
|
Marktech Corporate
|
BUX81 |
HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR
|
Seme LAB
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
OP467GS-REEL |
18V; quad precision, high-speed operational amplifier. For high-speed image display drivers, high frequency active filters
|
Analog Devices
|
2N6033 |
HIGH-CURRENT, HIGH-SPEED, HIGH-POWER TRANSISTORS
|
New Jersey Semi-Conductor Products, Inc.
|
2SC2928 |
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
|
HITACHI[Hitachi Semiconductor]
|
2N6032 2N6033 |
HIGH CURRENT HIGH SPEED HIGH POWER TRANSISTORS
|
ETC GESS[GE Solid State]
|
SP202E SP202ECN SP202ECP SP202ECT SP202EEN SP202EE |
DUAL LINE TRANSCEIVER, PDIP16 High-Performance RS-232 Line Drivers/Receivers 5V High Performance RS232 Transceivers High Speed, Low Power Quad RS-422 Differential Line Receiver High Speed, 3.3V Quad RS-422 Differential Line Driver
|
EXAR CORP SIPEX[Sipex Corporation]
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|