PART |
Description |
Maker |
MAX1144 MAX1144-BMAX1145 MAX1144-MAX1145 MAX1145BE |
14-Bit ADCs, 150ksps, 3.3V Single Supply 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 14-Bit ADCs.150ksps.3.3V Single Supply "14-Bit ADCs, 150ksps, 3.3V Single Supply"
|
ADC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AS1525-BTDR AS1525-BTDT AS15241 AS1524-BTDR AS1524 |
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
|
ams AG austriamicrosystems AG
|
LTC1864LACS8 LTC1865LACS8 LTC1865LIS8 LTC1864LIMS8 |
µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 レPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C μPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP 楼矛Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP µPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1864L |
Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
LTC1864L |
(LTC1864L / LTC1865L) 16-Bit 1/2-Channel 150ksps ADCs
|
Linear Technology
|
IC-NQL11 |
13-bit Sin/D CONVERTER WITH SSI INTERFACE
|
IC-Haus GmbH
|
IC-LSHCCHIP IC-LSHCOBGALSH2C IC-LSHCOBGALSH2C-1R I |
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
|
IC-Haus GmbH
|
MAX114-MAX118 MAX118 MAX118CAI MAX118CPI MAX118EAI |
5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 5V 1Msps 4 & 8-Channel 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1μA Power-Down 6 OUTLETS 15 FT RACK MTG 5V / 1Msps / 4 & 8-Channel / 8-Bit ADCs with 1A Power-Down Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 8-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC Vicor, Corp.
|
IC-MSBEVALMSB1D IC-MSBTSSOP20 IC-MSBTSSOP20-TP IC- |
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
|
IC-Haus GmbH
|
IC-MHA |
HALL ANGLE ENCODER WITH SIN/COS OUTPUTS
|
IC-Haus GmbH
|
AD7822BR AD7822BRU AD7829 AD7822BN AD7822 AD7829BR |
3V/5V, 8-Bit, 8-Channel, 2 MSPS Data Acquistion System 3V/5V, 8-Bit, 4-Channel, 2 MSPS Data Acquistion System 3V/5V, 8-Bit, 2 MSPS Analog-to-Digital Converter 3V/5V, 2MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling Analog-to-DigitalConverter,8-Bit
3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
|
AD[Analog Devices]
|
|