PART |
Description |
Maker |
BTA212-600B BTA212-600C BTA212-600D BTA212-600E BT |
Transient Voltage Suppressor Diodes THREE QUADRANT TRIACS GUARANTEED COMMUTATION THREE QUADRANT TRIACS HIGH COMMUTATION
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BTA216BSERIESC BTA216B-500C BTA216B-800C |
Three quadrant triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 800 V, 16 A, SNUBBERLESS TRIAC, TO-263 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|
BTA208SSERIESB BTA208MSERIESB BTA208M-500B BTA208M |
Three quadrant triacs high commutation Three quadrant triacs high commutation 500 V, 8 A, SNUBBERLESS TRIAC, TO-252 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|
BTA208S BTA208S-800B BTA208S-800C BTA208S-800F BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BT138 BT138-600D BT138-600E BT138-800E BT138-600E1 |
4Q Triac 4Q双向可控 12 A four-quadrant triacs, sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 600 V; Package: SOT78 (TO-220AB); Container: Tube pack 12 A four-quadrant triacs, sensitive gate; Package: SOT78 (TO-220AB); Container: Tube pack
|
NXP Semiconductors N.V.
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BTA201 BTA201-600B BTA201-600E BTA201-800B BTA201- |
1 A Three-quadrant triacs high commutation
|
NXP Semiconductors N.V.
|
BTA204CSERIES BTA204BSERIES |
Three quadrant triacs high commutation
|
Philips
|
BTA216XSERIESB |
Three quadrant triacs high commutation
|
Philips
|
BTA208XSERIESD BTA208XSERIESE BTA208XSERIESF |
Three quadrant triacs guaranteed commutation
|
Philips
|
BTA208S-800B BTA208S-600B |
Three-quadrant triacs high commutation
|
NXP Semiconductors
|
BTA312X-600B BTA312X-800B BTA312X BTA312X-600C |
12 A Three-quadrant triacs high commutation
|
NXP Semiconductors N.V. NXP[NXP Semiconductors]
|