PART |
Description |
Maker |
AMS290805 AMS2908-1.5 AMS2908-1.8 AMS2908-3.3 AMS2 |
800mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems
|
TS5218 |
800mA Ultra Low Dropout Voltage Regulator
|
Taiwan Semiconductor Company
|
AMS2908-2.85 AMS2908CD-2.85 AMS2908CD-2.5 AMS2908C |
800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压
|
Advanced Monolithic Systems, Inc.
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
IRU1117-33 IRU1117-3.3 IRU1117-33CD |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR 800mA的低压差型正,固3.3V稳压 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR(75.90 k)
|
International Rectifier, Corp. IR
|
TC2117 TC2117-3.3VDBTR TC2117-3.3VEBTR TC2117-1.8V |
The TC2117 is a fixed, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Low Dropout Positive Regulator
|
Microchip Technology
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LM1117-3.3MDC |
800mA Low-Dropout Linear Regulator
|
NS
|
AZ1117BH-2.5TRE1 AZ1117BH-3.3TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3 800mA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
IRU1117-18 |
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
|
International Rectifier
|
AIC1732 AIC1732-33 AIC1732-33CX AIC1732-34CX AIC17 |
800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|