PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
ASM5I23S08AG-4-16-SR ASM5P23S08AG-4-16-SR ASM5I23S |
23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 3.3V ‘SpreadTrak?/a> Zero Delay Buffer 3.3V ‘SpreadTrak Zero Delay Buffer 3.3V 隆庐SpreadTrak隆炉 Zero Delay Buffer
|
PulseCore Semiconductor
|
HD74ALVC1G125 HD74ALVC1G125VSE |
Buffer/Driver Bus Buffer Gate with 3-state Output
|
Hitachi,Ltd.
|
CY23FS08OXC CY23FS08OXCT CY23FS08OXIT CY23FS0811 C |
Failsafe 2.5 V/3.3 V Zero Delay Buffer Failsafe™ 2.5V/ 3.3V Zero Delay Buffer 166.7 MHz, OTHER CLOCK GENERATOR, PDSO28 Failsafe?2.5 V/3.3 V Zero Delay Buffer
|
Cypress Semiconductor, Corp.
|
SI53115 |
15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
|
Silicon Laboratories
|
ADD8708 ADD8708WCPZ-REEL7 ADD8708WSTZ-REEL |
18-Channel Gamma Buffer with Regulator 18 BUFFER AMPLIFIER, QCC48 18-Channel Gamma Buffer with Regulator 18 BUFFER AMPLIFIER, PQFP48
|
Analog Devices, Inc.
|
MM74C901 MM74C901M MM74C901N MM74C902M MM74C902N M |
Linear Motion Control; Series:LCP12; Track Resistance:5kohm; Resistance Tolerance: /-20%; Power Rating:0.7W; Resistor Element Material:Conductive Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer Hex Inverting TTL Buffer • From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ICS9250-37 ICS932S203 ICS91305 ICS91305YMLFT ICS85 |
LOW SKEW 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER High Performance Communication Buffer Frequency Generator with 133MHz Differential CPU Clocks Preliminary Product Preview
|
ICST[Integrated Circuit Systems]
|
HA4600CBZ HA4600CHZ96 INTERSILCORP-HA4600CHZ96 |
480MHz, SOT-23, Video Buffer with Output Disable BUFFER AMPLIFIER, PDSO8 480MHz, SOT-23, Video Buffer with Output Disable BUFFER AMPLIFIER, PDSO6
|
Intersil, Corp.
|
74VHC244MTC 74VHC244N 74VHC244SJ 74VHC244 74VHC244 |
From old datasheet system Octal Buffer/Line Driver with 3-STATE Outputs Dual 4-Bit Non-Inverting Buffer/Driver
|
Fairchild Semiconductor
|
100322QC 100322 100322QI 100322PC 100322QCX 100322 |
DACE15SFO DAC15STFO Nine Bit Buffer From old datasheet system Low Power 9-Bit Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|