PART |
Description |
Maker |
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
FS50UMJ-3 |
Power MOSFETs: FS Series, Low Voltage, 150V for High-Speed Switching Use Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
LM6171 LM6171AIN LM6171BIN LM6171BIM LM6171AIM LM6 |
High Speed Low Power Low Distortion Voltage Feedback Amplifier
|
http://
|
2SA207311 |
High voltage discharge, High speed switching,Low Noise (-60V, -3A)
|
Rohm
|
2SA207209 2SA2072-09 |
High voltage discharge, High speed switching, Low Noise (-60V, −3A)
|
Rohm
|
AD8684ARUZ-REEL AD8682-15 AD8682 |
Dual Low Power, High Speed JFET Operational Amplifier Dual/Quad Low Power, High Speed Quad Low Power, High Speed JFET Operational Amplifiers; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 4000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
P80C58UFPN P80C58UBBB P87C51RC4A P87C51RC4B P87C51 |
80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless. low voltage 2.7V-5.5V). low power. high speed (33 MHz) 80C51位单片机系列8K-64K/256-1K检察官办公光盘/无ROM。低电压2.7V.5V)。低功耗。高速(33兆赫 80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless. low voltage 2.7V-5.5V). low power. high speed (33 MHz) 80C51位单片机系列8K-64K/256-1K检察官办公光盘/无ROM。低电压.7V.5V)。低功耗。高速(33兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz (360.35 k) 80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
|
NXP Semiconductors N.V. Philips Semiconductors
|
P83C654X2 P83C654X2BBD P83C654X2FA P87C654X2 P87C6 |
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
|
PHILIPS[Philips Semiconductors]
|
1SS39607 1SS396-07 |
Low Voltage High Speed Switching
|
Toshiba Semiconductor
|