PART |
Description |
Maker |
MX23C4000 MX23C4000MC-10 MX23C4000MC-12 MX23C4000M |
4M-BIT MASK ROM (8 BIT OUTPUT) 512K X 8 MASK PROM, 150 ns, PDSO32 4M-BIT MASK ROM (8 BIT OUTPUT) 512K X 8 MASK PROM, 90 ns, PDIP32
|
Macronix International Co., Ltd.
|
MX23L4000 MX23L4000MI-15 MX23L4000MI-20 MX23L4000T |
4M-BIT MASK ROM (8 BIT OUTPUT) 512K X 8 MASK PROM, 150 ns, PDSO32 OSCILLATOR 64.00MHZ SMD 512K X 8 MASK PROM, 150 ns, PDSO32
|
Macronix International Co., Ltd.
|
PIC12C509-04/P PIC12C509-04/SM PIC12C509-04E/P PIC |
A newer version of this device is available. Please consider PIC12C509A. This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ... 8-Pin, 8-Bit CMOS Microcontrollers A newer device is available. Please consider PIC12F629. This powerful (1µsecond instruction execution) yet easy-to-program ... This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto A newer version of this device is available. Please consider PIC12C508A. 8-bit CMOS microcontroller, 1024 x 12 ROM program, 41 RAM data, 4MHz
|
Microchip
|
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
MX26C4000BTI-90 MX26C4000BQI-15 MX26C4000BQI-10 MX |
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PDSO32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PDIP32 Switch Actuator; For Use With:18 Series Switches; Accessory Type:Spring Lever Actuator RoHS Compliant: Yes IC DRIVER 1/2BRDG LOW SIDE 16DIP DIODE SCHTTKY 150V 2X30A TO247AD
|
Macronix International Co., Ltd.
|
MX23C4100 23C4100-10 23C4100-12 23C4100-15 |
4M-BIT [512K x 8/256K x 16] MASK ROM
|
MCNIX[Macronix International]
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
NM27C040 NM27C040Q150NBSP NM27C040Q150 27C040 NM27 |
4,194,304 Bit (512K x 8) High Performance CMOS EPROM 4194304-Bit (512K x 8) High Performance CMOS EPROM 4,194,304-Bit (512K x 8) High Performance CMOS EPROM 4 /194 /304-Bit (512K x 8) High Performance CMOS EPROM IC-4MB CMOS OTP PROM
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
PIC16LF627A-I/ML PIC16LF627A-I/P PIC16F627A-I/SOG |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp
|
Microchip
|
MX27C4000A MX27C4000AMC-10 MX27C4000AMC-12 MX27C40 |
4M-BIT [512K x8] CMOS OTP ROM 512K X 8 OTPROM, 120 ns, PDSO32 ER 17C 17#16 PIN RECP WALL
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|