PART |
Description |
Maker |
STPS80L30C 6699 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) From old datasheet system LOW DROP POWER SCHOTTKY RECTIFIER
|
STMicroelectronics
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AD621 AD621ARZ-R7 AD621AR-REEL AD621AR-REEL7 AD621 |
-18V; 650mW; low drift, low power instrumentation amplifier. For weigh scales, transduver interface and data acquisition systems Low Drift, Low Power Instrumentation Amp with fixed gains of 10 and 100 INSTRUMENTATION AMPLIFIER, 185 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Low Cost,Low Power Instrumention Amplifier
|
Analog Devices, Inc.
|
LD3985M26R LD3985XX122 LD3985J28R LD3985XX29 LD398 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
|
STMicroelectronics
|
LD1985-15-AF5-R LD1985-18-AF5-R LD1985-25-AF5-R LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BF763AMO |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode
|
齐纳二极
|
TPS79915 |
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
|
TI
|
LDS3985M135R LDS3985PM15R LDS3985PM49R LDS3985PM48 |
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
|
STMicroelectronics
|
5962R0250401HXC |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC至DC转换
|
Vishay Intertechnology, Inc.
|
P87LPC767 P87LPC767BN |
From old datasheet system Low power, low price, low pin count
|
Philips
|
NCP707 |
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
|
ON Semiconductor
|
MAX6002EUR MAX6004EUR MAX6003EURT MAX6004EURT MAX6 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
|
MAXIM - Dallas Semiconductor
|