PART |
Description |
Maker |
5962R9668102VJC 5962R9668101VJC 5962R9668101VXC 59 |
5V Fixed/Adjustable Output, Step-Up Switching Regulators 4-To-16-Line Demultiplexer 46线复用器 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Intersil, Corp. 3M Company
|
RT9205/ACS |
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller 双稳压器-同步降压PWM型DC - DC和线性控制器
|
Richtek Technology, Corp.
|
LTC1538IG-AUX LTC1538CG-AUX LTC1538-AUXIG LTC1538- |
Advanced LinEPIC Self-Calibrating (Self-Cal) Precision Single Operational Amplifier 8-SOIC Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28 ER 1C 1#4 SKT PLUG 双通道高效率,低噪声,同步降压型开关稳压器 DIODE ZENER SINGLE 1000mW 15Vz 50mA-Izt 0.05 1uA-Ir 11 PowerDI-123 3K/REEL 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1929 1929F LTC1929CG-PG LTC1929-PG LTC1929IG-PG |
2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators From old datasheet system 2 Phase Synchronous Step-down Switching Regulators
|
Linear Technology
|
MAX1742-MAX1842 MAX1842 MAX1842EEE MAX1742EEE MAX1 |
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 1A/2.7A / 1MHz / Step-Down Regulators with Synchronous Rectification and Internal Switches Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP -40 to 85 1A/2.7AMHz、降压型稳压器,内置同步整流与开
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1628-PG LTC1628I-PG LTC1628C-PG LTC1628CG-PG |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency/ 2-Phase Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation
|
MCM67J618AFN5 MCM67J618AFN7 MCM69D536TQ6R |
64K x 18 bit burstRAM synchronous fast static RAM 32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
|
Motorola
|
ILC7280AR2530X ILC7280AR2828X ILC7280AR2830X ILC72 |
Dual 0.15A Low Dropout Voltage Regulator Micropower Dual 150mA CMOS RF LDO Regulators Micropower Dual 150mA CMOS RF LDO-TM Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
OM3909SC OM3901SC OM3902SC OM3903SC OM3904SC OM390 |
Hi-Rel Fixed Voltage Dual Regulator DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压双调 Dual Output Voltages, 1.5 Amp Fixed Voltage Regulators(双输出电( 15V,-12V) 1.5A固定稳压 双输出电压,1.5安培固定稳压器(双输出电压(15V的,- 12V的)1.5A的固定稳压器
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers International Rectifier, Corp.
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|