PART |
Description |
Maker |
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
JMK107BJ106MA JMK107BJ475RA GRM188R60J475KE19 C160 |
Dual High-Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
RT8010 RT8010-15PQW RT8010-12PQW RT8010-10PQW RT80 |
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corp... Richtek Technology Corporation
|
MAX746 MAX746CPE MAX746CSE MAX746EPE MAX746ESE MAX |
High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
RT8058PQW RT8058GQW |
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
JMK107BJ106MA JMK107BJ475RA GRM219R60J106KE19 GRM2 |
1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
RT8008 RT8008-15PB RT8008-15PJ5 RT8008-12PB RT8008 |
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corp... Richtek Technology Corporation Richtek Technology Corporat...
|
LP3204A-15B5 LP3204 LP3204B-15B5 LP3204B-18B5 LP32 |
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
RT8010-12GQW RT8010-16PQW RT8010-33GQW RT8010-10GQ |
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter 1.5MHz的,1A,高效PWM降压DC / DC转换 1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter 1.5MHz的,A,高效PWM降压DC / DC转换
|
Richtek Technology Corporation Richtek Technology, Corp.
|