PART |
Description |
Maker |
WPC8769LDG WPC8768LDG WPC8768L WPC8769L |
Mobile Embedded Controller with SPI Flash Interface and MCE-Compliant CIR Port Mobile Embedded Controller with SPI⑩ Flash Interface and MCE-Compliant CIR Port
|
Winbond
|
UPC8232T5N-E2-A UPC8232T5N UPC8232T5N-E2 |
B IPOLAR ANALOG INTE GR ATE D CIR CUIT
|
California Eastern Labs
|
520312-1 |
FASTON Uninsulated Receptacles & Housings; 3 CIR 110 FAST HSG N NAT ( AMP )
|
Tyco Electronics
|
IR2161 IR2161S IRPLHALO1E |
Halogen Convertor, 220/230VAC Input, 12VAC Output, 100VA Max Halogen Converter Control IC in a 8-lead SOIC package. Features Auto Resetting Short Circuit Protection, Auto Resetting Overload ... Halogen Converter Control IC in a 8-lead PDIP package. Features Auto Resetting Short Circuit Protection, Auto Resetting Overload ... 8-pin DIP HALOGEN CONVERTOR CONTROL IC
|
ir International Rectifier
|
LNBP21D2 LNBP21 LNBP21PD 9094 LNBP21D2-TR LNBP21PD |
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NJM2383 |
DC/DC CONVERTER CONTROL IC
|
njr
|
GM340631 GM34063E GM34063ED8TG GM34063ES8RG GM3406 |
1.5A DC TO DC CONVERTER CONTROL
|
Gamma Microelectronics Inc.
|
MC34063 |
DC-DC CONVERTER CONTROL CIRCUITS
|
STMicroelectronics
|
MC35063A |
DC/DC Converter Control Circuits
|
Motorola Semiconductor
|
IR2161PBF |
Halogen Converter Control IC
|
International Rectifier
|
S34063 |
DC-to-DC CONVERTER CONTROL CIRCUITS
|
Suntac Electronic Corp.
|
D34063 |
DC / DC converter control circuit
|
DBIC
|