PART |
Description |
Maker |
SPLLG81 |
SIRILAS? Laserdiodenarray 30 W cw bei 808nm SIRILAS? Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant SIRILAS㈢ Laserdiodenarray 30 W cw bei 808nm SIRILAS㈢ Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|
8013-2323-AU |
808nm 1000mW IR Laser Diodes AUTO PACKAGE
|
DBLECTRO[DB Lectro Inc]
|
1241CADC 1241CAFC 1241CALC 1241CAPC 1241CAUC 1241C |
CAP.00033UF 16V PPS FILM 0603 2% 1241/1243/1245-Type非致冷激光发射器 Uncooled Laser Transmitter 非致冷激光发射器 1241/1243/1245-Type Uncooled Laser Transmitter 1241/1243/1245-Type非致冷激光发射器 CAP .033UF 16V PPS FILM 1206 2% CAP CER 750PF 50V 5% C0G 0805 OC-12/STM-4 uncooled laser transmitter. Average output power (dBM): -15(min),-11(typ),-8(max). Center wavelengrh(nm): 1274(min),1356(max). Connector SC.
|
Varitronix, Ltd. Surge Components, Inc. Littelfuse, Inc. Agere Systems
|
LU980C-R LU976C-R LU974N-R LU974C-R LU980N-R |
980nm Pump Laser Module, Uncooled
|
http:// Bookham, Inc.
|
MT228230 MT328230 MT333220 MT323012 MT323024 MT323 |
Multimode Relay MT Mid–Range Plug–in/Panel Mount Relays Multimode Relay MT
|
Tyco Electronics
|
D370-20N D370 D370-02A D370-02F D370-02N D370-10A |
D370-Type Digital Uncooled Laser Module
|
AGERE[Agere Systems]
|
HFCT-5912E HFBR-5912E HFBR-0562 HFBR-0564 |
Evaluation Kit for MT-RJ Gigabit Ethernet Multimode Applications 评估板吨,个RJ千兆以太网多模应 Evaluation Kit for MT-RJ Gigabit Ethernet Multimode and Singlemode Applications 评估板吨,个RJ千兆以太网多模和单模应用 HFCT-5912E · 1.25 Gbit/s SMF (10km) Small Form Factor Transceiver for Gigabit Ethernet (1000Base-LX) HFBR-5912E · 1.25 Gbit/s MMF (500m) SFF MT-RJ Transceiver for Gigabit Ethernet (1000Base-SX) HFBR-0564 · Evaluation Kit for MT-RJ Gigabit Ethernet Multimode and Singlemode Applications HFBR-0562 · Evaluation Kit for MT-RJ Gigabit Ethernet Multimode Applications Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
FL-5520S-S FL-5510S-S FL-5500S-S FL-5510-F FL-5510 |
1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
|
Optoway Technology Inc.
|
FL-5348S-VS FL-5345S-VS FL-5340S-VS FL-5340 FL-534 |
1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
|
Optoway Technology Inc.
|
DL-3355AR-HFS DL-3355AR-XFS DL-3358AR-HFS DL-3358A |
Uncooled 1310 nm MQW-DFB LD for CATV return path application
|
Optoway Technology Inc
|
DL-5500S-1490 DL-5530S-1490-FS |
1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE 1490 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
|
Optoway Technology, Inc. Optoway Technology Inc
|