PART |
Description |
Maker |
MSC7116VF1000 MSC7116VM1000 |
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
|
Freescale Semiconductor, In... Freescale Semiconductor...
|
ADSP-2185MKST-300 ADSP-2185M ADSP-2185MKST-300R AD |
DSP Microcomputer 24-BIT, 33 MHz, OTHER DSP, PQFP100 DSP Microcomputer 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 METRIC, PLASTIC, TQFP-100 ADSP-2185M: 16-bit. 75 MIPS. 2.5v. 2 serial ports. host port. 80 KB RAM Data Sheet (Rev. 0. 10/00)
|
Analog Devices, Inc.
|
ADSP-21369BBP-2A ADSP-21368BBP-2A ADSP-21367KBP-2A |
SHARC Processors 32-BIT, 55.56 MHz, OTHER DSP, PBGA256 32-BIT, 66.67 MHz, OTHER DSP, PBGA256 MO-192BAL-2, BGA-256 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 208 Ld LQFP(28x28 w_8.9mm_heatsink); No of Pins: 208; Temperature Range: Comm. 32-BIT, 44.44 MHz, OTHER DSP, PQFP208 32-BIT, 55.56 MHz, OTHER DSP, PQFP208 32-BIT, 61.012 MHz, OTHER DSP, PQFP208
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADSP-2104 ADSP-2104KP-80 ADSP-2104LKP-55 ADSP-2109 |
Low Cost DSP Microcomputers
|
AD[Analog Devices]
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
ADSP-2186MKST-300 ADSP-2186MBST-266 ADSP-2186MKSTZ |
DSP Microcomputer 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 16-Bit, 75 MIPS, 2.5V, 2 Serial Ports, Host Port, 40 KB RAM; Package: 100 ld LQFP; No of Pins: 100; Temperature Range: Comm. 24-BIT, 37.5 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc.
|
ADSP-21060KB-160 ADSP-21060LKS-160 ADSP-21060KS-16 |
RES, 2.2 K SM CHIP 5% 50V 1/16 WATT, 0603 48-BIT, 40 MHz, OTHER DSP, PBGA225 ADSP-2106x SHARC DSP Microcomputer Family 48-BIT, 40 MHz, OTHER DSP, PBGA225
|
Analog Devices, Inc.
|
ICS93716 |
Low Cost DDR Phase Lock Loop Clock Driver
|
Integrated Device Technology
|
ICS93776 |
Low Cost DDR Phase Lock Loop Zero Delay Buffer
|
Integrated Circuit Systems
|
|