PART |
Description |
Maker |
KBPC4004G KBPC4004GW GBPC40G KBPC4008G KBPC4008GW |
Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-TSSOP -40 to 85 40/ 50A GLASS PASSIVATED BRIDGE RECTIFIER Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 40, 50A GLASS PASSIVATED BRIDGE RECTIFIER
|
WTE[Won-Top Electronics] Daesan Electronics Corp. Won-Top Electronics Co., Ltd.
|
KBPC3500G KBPC3500GW KBPC3501G KBPC3501GW KBPC3502 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-SOIC 15,25,35阿玻璃钝化整流桥 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 15,25,35阿玻璃钝化整流桥 15,25,35A GLASS PASSIVATED BRIDGE RECTIFIER 15,25,35阿玻璃钝化整流桥 Quadruple 2-Input Positive-AND Gates 14-PDIP -40 to 85 15,25,35阿玻璃钝化整流桥 Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-TSSOP -40 to 125 Dual 2-Line To 4-Line Decoders / Demultiplexers 16-TVSOP -40 to 85 3-Line To 8-Line Decoder / Demultiplexer 16-SOIC -40 to 85 Dual 2-Line To 4-Line Decoders / Demultiplexers 16-SOIC -40 to 85 15/25/35A GLASS PASSIVATED BRIDGE RECTIFIER
|
Micro Commercial Components, Corp. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
KBJ2500 KBJ2501 KBJ2502 KBJ2504 KBJ2506 KBJ2508 KB |
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
Pan Jit International Inc.
|
KBPC2510GS KBPC2500GS KBPC2501GS KBPC2502GS KBPC25 |
25 Amp Glass Passivated In-Line Bridge Rectifier 50 to 1000 Volts
|
MCC[Micro Commercial Components]
|
DI10004 DI100 |
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
Pan Jit International Inc.
|
GBL400G GBL401G GBL406G |
4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
|
First Components International First Components Intern...
|
1N5393GP 1N5399GP 1N5391GP 1N5392GP 1N5394GP 1N539 |
Glass Passivated Junction Rectifier(????荤?缁???存??? Glass Passivated Junction Rectifier(钝化玻璃结型整流 结玻璃钝化整流(钝化玻璃结型整流器) GLASS PASSIVATED JUNCTION RECTIFIER 玻璃钝化整流
|
GE Security, Inc. GE[General Semiconductor]
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
FB1006 FB1010 FB1010L FB1009L FB1000 FB1000L FB100 |
10 Amp. Glass Passivated Bridge Rectifier 10安培。玻璃钝化整流桥 Bridge Rectifiers (Power) 桥式整流器(电力 10 Amp Glass Passivated Bridge Rectifier 10 Amp.Glass Passivated bridge rectifier
|
Fagor Electronics Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
GS1A GS1B GS1D GS1G GS1J GS1K GS1M |
Standard Recovery Pack: SMA SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT?/a> 1.0A
|
Gulf Semiconductor http://
|