PART |
Description |
Maker |
IRF6717MPBF |
DirectFETPower MOSFET
|
International Rectifier
|
IRF6674TRPBF08 IRF6674PBF IRF6674PBF-15 |
DirectFETPower MOSFET Optimized for Synchronous Rectification Compatible with existing Surface Mount Techniques DirectFETPower MOSFET
|
International Rectifier
|
IRF6637TR1 IRF6637 |
From old datasheet system DirectFETPower MOSFET
|
IRF[International Rectifier]
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
IRF3708SPBF IRF3708PBF IRF3708LPBF |
SMPS MOSFET HEXFET㈢Power MOSFET SMPS MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
SUP85N08-08 SUB85N08-08 |
N-Channel 75-V (D-S) 175 Degree Celcious MOSFET N通道75 - V(下副秘书长175度Celcious MOSFET N-Channel 75-V (D-S) 175C MOSFET N通道75 - V(下副秘书长75荤MOSFET N-Channel MOSFET N-Channel 75-V (D-S) 175C MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFP260PBF IRF6618TRPBF IRF6618PBF |
HEXFET? Power MOSFET DirectFET?Power MOSFET ? DirectFET㈢Power MOSFET ㈢ HEXFET㈢ Power MOSFET
|
International Rectifier
|
IRFBA22N50APBF |
24 A, 500 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-273AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
AP4501SD |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
ZVN4206AV |
N-channel MOSFET N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET MOSFET N-CH 60V 600MA TO-92 600 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
|