PART |
Description |
Maker |
HYB18M512160BF-6 HYB18M512160BF-7.5 HYE18M512160BF |
DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM RoHS compliant
|
Qimonda AG
|
HYB18L512160BF-7.5 HYE18L512160BF-7.5 |
DRAMs for Mobile Applications 512-Mbit Mobile-RAM
|
http://
|
HYB18L256160BCL-7.5 HYB18L256160BFL-7.5 |
DRAMs for Mobile Applications 256-Mbit Mobile-RAM
|
Qimonda AG
|
HYB18L128160BC-7.5 HYB18L128160BF-7.5 HYB18L128160 |
DRAMs for Mobile Applications Very low Power SDRAM optimized for battery-powered, handheld applications ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
Infineon Technologies A... Infineon Technologies AG
|
MOC |
Applications: Wired Network, Automotive, Mobile Communication, WiMAX, WLAN, Mobile
|
MERITEK ELECTRONICS COR...
|
CX11250 CX20463 SMARTHSF CX20437 |
Smart HSF mobile modem SmartHSF Mobile Modem Host-Processed, V.90/K56flex Modem Device Set with CX11250 Host Side Device, CX20463 SmartDAA, and Optional CX20437 Voice Codec for PCI Bus/Mini PCI-Based Mobile Applications
|
List of Unclassifed Manufacturers Conexant Electronic Theatre Controls, Inc.
|
HYB18RL25616AC-4 HYB18RL25616AC-5 HYB18RL25632AC-5 |
16M X 16 DDR DRAM, PBGA144 Specialty DRAMs - 256M (8Mx32) 200MHz Specialty DRAMs - 256M (16Mx16) 200MHz Specialty DRAMs - 256M (16Mx16) 250MHz
|
INFINEON TECHNOLOGIES AG
|
SD1134-05 1134-5 |
Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Conductor Material:Copper; Features:MIL-W-16878/4 (Type E) RoHS Compliant: Yes RF & Microwave Transistors VHF Portable/Mobile Applications(用于甚高频通信的RF和微波晶体管) VHF PORTABLE/MOBILE APPLICATIONS RF & MICROWAVE TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
RAD-900-ANT-OMNI-2-N |
For freely mobile applications
|
PHOENIX CONTACT
|
ACTF410B CTF410B_410.0_F11 CTF410B/410.0/F11 |
FRS & PMR mobile radio applications
|
Advanced Crystal Technology
|
MS1504 MS15.4 |
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
|
ADPOW[Advanced Power Technology]
|