PART |
Description |
Maker |
2950064 |
EMG 22-DIO 7P
|
PHOENIX CONTACT
|
LPCIE-7230 |
32-CH Isolated DIO Cards
|
List of Unclassifed Manufacturers
|
ZMM55C10 ZMM55C11 ZMM55C12 ZMM55C13 ZMM55C15 ZMM55 |
Surface Mount Zener Dio de
|
SeCoS Halbleitertechnologie GmbH
|
2954785 |
Diode block - EMG 90-DIO 32M/LP
|
PHOENIX CONTACT
|
RBOX610 |
Robust Din-rail Fanless Embedded System with RISC-based (iMX-287) Processor 4 COM, 2 CAN Bus and DIO
|
Axiomtek Co., Ltd.
|
ACL-6128A ACL-8213L |
ISA DAQ/DIO Cards
|
List of Unclassifed Man...
|
X1227S8IZ-4.5A X1227V8IZ-4.5A X1227V8-2.7 X1227S8Z |
2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM Microprocessor Support IC; Processor Reset Type:Active Low; Supply Voltage Max:5.5V; Package/Case:16-MLP; Leaded Process Compatible:Yes; Packaging:Tape And Reel; Peak Reflow Compatible (260 C):Yes 1 TIMER(S), REAL TIME CLOCK, PDSO8 REAL TIME CLOCK, PDSO8 ROHS COMPLIANT, PLASTIC, TSSOP-8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1 TIMER(S), REAL TIME CLOCK, PDSO8 REAL TIME CLOCK, PDSO8 ROHS COMPLIANT, PLASTIC, SOIC-8 RTC Module With CPU Supervisor 1 TIMER(S), REAL TIME CLOCK, PDSO8 DIO SUP SM SL05 (SEMT) R
|
http:// Intersil, Corp. Intersil Corporation
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
DSPIC30F6013CT-30E_W DSPIC30F6011BT-20E/PF DSPIC30 |
CAP 100UF 4V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 高性能数字信号控制 DIO ZMM5230B LITEON T/R 1 高性能数字信号控制 High Voltage Chip Divider 高电压芯片分压器 CAP 10UF 10V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 100UF 6V 20% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-300 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL SN/PB5% LOWESR-200 CAP 10UF 35V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-1200 CAP 100UF 10V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 CAP 10UF 25V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-200 CAP 10UF 25V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 10UF 20V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-500 6.0V, 5% AT 20MA, 500MW, ZENER LL5233B, LL-34 DIODE, ZNR DIODE VZ=5.6V DIODE ZENER 6.2V 0.5W 5% IZT=20MA DO-2 CAP 10UF 16V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 SWITCH,20A,3P,HAND-AUTO,FLUSH MTGSWITCH,20A,3P,HAND-AUTO,FLUSH MTG; Poles, No. of:3; Current rating:20A GT 10C 10#16 SKT RECP BOX RM CAP 10UF 20V 10% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-500 CAP 100UF 6V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-300 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 CAP 100UF 6V 20% TANT SMD-6032-28 TR-7-PL SN/PB5% LOWESR-300 DUMB TERM ADAPT DB25M DTEFOR ADV CONSOLE SERVERS High Performance Digital Signal Controllers
|
Microchip Technology, Inc. Microchip Technology Inc.
|
|