PART |
Description |
Maker |
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
TFS100B |
Surface Acoustic Wave (SAW) Filter Filter Specification - RV04 VI SAW Filter(VI SAW滤波输入电阻:77.40Ω/-3.218pF,输出电阻:77.40Ω/-3.218pF)) 1 FUNCTIONS, 99.9 MHz, SAW FILTER
|
VECTRON[Vectron International, Inc] Vectron International, Inc.
|
VSORC20AD VSORC-AD VTSRC20AD VSSRC20AD VTSRC-AD VS |
RC NETWORK, T-FILTER, 1W, 100ohm, 0.00022uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1W, 39ohm, 0.000068uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1W, 120ohm, 0.00025uF, SURFACE MOUNT, SSOP-20 25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks RC NETWORK, T-FILTER, 1W, 18ohm, 0.00015uF, SURFACE MOUNT, TSSOP-20 TSSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1W, 18ohm, 0.00001uF, SURFACE MOUNT, SSOP-20 SSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1.2W, 12ohm, 0.000015uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 1W, 12ohm, 0.00001uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1.2W, 120ohm, 0.00025uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 1W, 33ohm, 0.000033uF, SURFACE MOUNT, SSOP-20
|
Vishay Siliconix Vishay Intertechnology, Inc. VISHAY THIN FILM
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
4202-027 |
EMI/RFI FILTER Bushing #12 1 FUNCTIONS, 350 V, 15 A, DATA LINE FILTER
|
Tusonix, Inc.
|
664D |
The 664D filter is a 3 phase (Delta) filter. This series is designed to be used with military system
|
JMK Inc.
|
STF203-22.TC STF203-33.TC STF203-15.TC STF203-22.T |
USB Upstream Port Filter and TVS 1 FUNCTIONS, 5.25 V, DATA LINE FILTER
|
Semtech Corporation
|
EM10Q200 EM10Q-200 EM10Q-200-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
AMH461 AMH461Y/CH |
1 FUNCTIONS, DATA LINE FILTER Hybrid - High Reliability EMI Filter
|
International Rectifier
|
4202-065 |
EMI/RFI FILTER Bushing #12 1 FUNCTIONS, 350 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
STF202-2204 STF202-30.TCT STF202-22.TC STF202-22.T |
USB Upstream Port Filter and TVS 2 FUNCTIONS, 5.25 V, DATA LINE FILTER
|
Semtech Corporation
|
|