PART |
Description |
Maker |
GBU6J GBU6J-BP GBU6A-BP GBU6D-BP GBU6M-BP GBU6B-BP |
6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 6A 600V GBU 6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 6A 800V GBU 6 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
SBR10150 SBR10150-08 |
10.0 Amp Schottky Barrier Rect
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
SSL-LX4673HGW-LA20 |
QUASARBRITE 4mm X 7mm RECT LED
|
LUMEX INC.
|
NCP1423DMR2 |
200mA Sync-Rect PFM Step-Up DC-DC Converter with Ring-Killer From old datasheet system
|
on semi
|
GMCR100-6 |
SENSIT IVE GAT E SILICON CONTROLLED RECT IFIERS REVERSE BLOCKING THYRISTORS 0. 8A, 400V
|
E-Tech Electronics LTD
|
SL22-T1 SL22-T3 SL22 SL24-T3 SL23-T1 SL23-T3 SL24- |
LED RECT 4X12 PURE GRN DIFF 4PIN 2.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
GBU4K-BP |
RECT BRIDGE GPP 4A 800V GBU 4 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Components, Corp.
|
FR302-T |
RECT FAST REC 100V 3A DO-201AD 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Diodes, Inc.
|
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
GBJ1500511 GBJ1510-BP |
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 15A 1000V GBJ 15 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Components, Corp.
|
DG300A DG303A DG303AAK DG303ACY DG301A FN3119 DG30 |
From old datasheet system TTL-Compatible, CMOS Analog Switches TTL-Compatible / CMOS Analog Switches LED 2X5MM RECT RED/GRN DIFFBICLR
|
INTERSIL[Intersil Corporation]
|