PART |
Description |
Maker |
V23870-A1131-B600 V23870-A3132-K600 V23870-A1131-A |
Components and FTTx solutions - 1310 nm Tx / 1550 nm Rx; pigtail Components and FTTx solutions - 1310 nm Tx / 1550 nm Rx, ext. Temp. Range; pigtail Bi-Directional Pigtail SFF Transceiver 155 Mbit/s/ 1310 nm Tx / 1550 nm Rx TRANS PREBIASED NPN 200MW SOT23 TRANS PREBIASED NPN 200MW SOT323 Metalized Polyester Film Radial Lead Capacitor; Capacitance: .22uF; Voltage: 630V; Case Size: 18.5x14.8 mm; Packaging: Bulk Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 TRANS PREBIASED NPN 150MW SOT523 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 TRANS PREBIASED NPN SOT323 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 DIODE ZENER SINGLE 500mW 9.7Vz 20mA-Izt 0.0254 0.1uA-Ir 8 SOD-123 3K/REEL 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米
|
INFINEON[Infineon Technologies AG] http:// Infineon Technologies A...
|
155MBIT/SSFFTRX |
Components and FTTx solutions - 1550 nm Tx / 1310 nm Rx, ext. Temp. Range; pigtail Components and FTTx solutions - 1550 nm Tx / 1310 nm Rx; pigtail
|
Infineon
|
SBH52414G SBH51414G SBH52414N SBH52414Z SBH51414N |
High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving AC Series Door Switch, Single Pole Double Throw Circuitry, 10 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination
|
http:// INFINEON[Infineon Technologies AG]
|
PL-SLR-00-L23-CX |
1310/1550 nm 2.5 G LC ROSA
|
JDS Uniphase Corporation
|
BTR-7740-SPG BTR-7740CG BTR-7740G |
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver 1550纳米德克萨斯 1310纳米收发.3 / 1.25 Gb / s的符RoHS单光纤收发器 1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver 1550纳米德克萨斯 1310纳米收发.3 / 1.25 Gb / s的符合RoHS单光纤收发器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
CT2-LI1LFTD31C CT2-LI1MFTD31C CT2-LI1PFTD31C CT2-L |
OC-3 SFP Transceiver (1310 nm and 1550 nm)
|
JDS Uniphase Corporation JDS Uniphase Corporatio...
|
SPB-9705ARG SPB-9705ARLG SPB-9705BRG SPB-9705BRLG |
1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|
BTR-7700ACMG BTR-7700AMG BTR-7700CMG BTR-7700MG |
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber MM Transceiver
|
Optoway Technology Inc.
|
SPB-9720ARLG SPB-9720BRLG SPB-9720BRG SPB-9720ARG |
1550 nm TX / 1310 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|
BTR-7660-SPG |
1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
|
Optoway Technology Inc.
|
BTR-7740-SPG BTR-7740CG BTR-7740G |
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
|
Optoway Technology Inc
|