PART |
Description |
Maker |
ADIS16354 ADIS16354_EVALZ ADIS16354_PCBZ ADIS16354 |
High Precision Tri-Axis Inertial Sensor
|
http:// Analog Devices
|
LIS3L02AS5TR LIS3L02AS5 |
MEMS INERTIAL SENSOR: 3-axis - g/6g LINEAR ACCELEROMETER MEMS惯性传感器3 g/6g线性加速度 MEMS INERTIAL SENSOR: 3-axis - 【2g/6g LINEAR ACCELEROMETER MEMS INERTIAL SENSOR: 3-axis - ±2g/6g LINEAR ACCELEROMETER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
LIS344ALH0804 LIS344ALHTR |
MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer MEMS inertial sensor high performance 3-axis 卤2/卤6g ultracompact linear accelerometer MEMS inertial sensor high performance 3-axis 【2/【6g ultracompact linear accelerometer
|
STMicroelectronics
|
MMA6851QR2 MMA6853QR2 |
Single Axis SPI Inertial Sensor
|
Freescale Semiconductor
|
LIS3L02AQ3TR LIS3L02AQ3 |
MEMS INERTIAL SENSOR: 3-Axis - ?g/?g LINEAR ACCELEROMETER MEMS INERTIAL SENSOR: 3-Axis - ?g/?g LINEAR ACCELEROMETER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LIS3L02AL |
Mems Inertial Sensor: 3-Axis - +/-2G Ultracompact Linear Accelerometer
|
ST
|
LIS2L06ALTR LIS2L06AL |
MEMS INERTIAL SENSOR: 2-axis - +/- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
|
STMICROELECTRONICS[STMicroelectronics]
|
LIS331ALTR |
MEMS inertial sensor: 3-axis - g analog output “nanoaccelerometer MEMS惯性传感器3 G的模拟输出“纳米”加速度
|
STMicroelectronics N.V.
|
LIS3LV02DQ LIS3LV02DQ-TR |
MEMS INERTIAL SENSOR 3-Axis - -2g/ -6g Digital Output Low Voltage Linear Accelerometer MEMS惯性传感器3 - 2 - 6g的数字输出低电压线性加速度 From old datasheet system
|
STMicroelectronics N.V.
|
C4123 C5334 C4124 C4133 C4323 C4134 C4324 C3323 C1 |
MEMS digital output motion sensor ultra low-power high performance 3-axes "nano" accelerometer 18-STAGE STATIC SHIFT REGISTER MEMS digital output motion sensor ultra low-power high performance 3-axes nano accelerometer MEMS inertial sensor 3-axis ultracompact linear accelerometer MEMS inertial sensor: 3-axis - ± 2g/± 6g digital output low voltage linear accelerometer LOW DROP POWER SCHOTTKY RECTIFIER 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions Turbo 2 ultrafast high voltage rectifier 5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM Dual decade counter 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM Analog multiplexer/demultiplexer with address latch : single 8 channel 5.0V or 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER Quad bilateral switch 5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER® SRAM Dual J-K flip flop with preset and clear 4-bit magnitude comparator 2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant MEMS inertial sensor: 3-axis - /-2g/6g ultracompact linear accelerometer 光电 432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory 光电
|
NXP Semiconductors N.V. STMicroelectronics N.V.
|