PART |
Description |
Maker |
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
L78S75T L78S09C L78S09CT L78S09CV L78S24C |
IC LOGIC 3251 LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER -40 85C QSOP-16 97/TUBE 2A POSITIVE VOLTAGE REGULATORS IC LOGIC 16212 LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH -40 85C TSSOP-56 35/TUBE 3.3V, 8-bit,2-port bus switch in 20-pin TSSOP package. Operational temperature range from -40C to 85C. 甲正电压调节
|
意法半导 STMicroelectronics N.V.
|
P6KE P6KE39 P6KE39A P6KE180CA P6KE20C P6KE20CA P6K |
Single Output LDO, 200mA, Fixed(1.9V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 16-Bit Bus Transceivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 Quadruple 2-Input Multiplexers with Storage 16-SSOP/QSOP -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Synchronous 4-Bit Binary Counter 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 玻璃钝化结瞬态电压抑制电压为440伏特.8
|
SURGE[Surge Components] Surge Components, Inc.
|
IDT74CBTLV3862PYG IDT74CBTLV3862PGG |
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES CBTLV/3B SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Technology, Inc.
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
LDS3985M135R LDS3985PM15R LDS3985PM49R LDS3985PM48 |
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
|
STMicroelectronics
|
74LCX16501 74LCX16501MTD 74LCX16501MEA 74LCX16501M |
18-Bit Bus Transceiver Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs 18-Bit Universal Bus Transceivers with 5VTolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
LDS3985M50R LDS3985PU33R LDS3985PU33RY |
Very low drop and low noise BiCMOS 300 mA voltage regulator
|
ST Microelectronics
|
TC7MPN3125FTG |
Low Voltage/Low Power 2-Bit 】 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
TC7MPS3125FTG |
Low Voltage/Low Power 13-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
TC7SP3125TU |
Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
|
Toshiba Semiconductor
|