PART |
Description |
Maker |
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
MBRS230LT305 MBRS230LT3G |
2A 30V Low Vf Schottky Rectifier; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 2 A, 30 V, SILICON, RECTIFIER DIODE Surface Mount Schottky Power Rectifier
|
ON Semiconductor
|
1N5822RL 1N5820RL 1N5821RL |
3A 40V Schottky Rectifier 3A 20V Schottky Rectifier 3A 30V Schottky Rectifier
|
ON Semiconductor
|
JANS6761UR-1 1N5819UR 5819UR-1 6761UR-1 CDLL1A100 |
1A schottky barrier rectifier, 45V 1 AMP SCHOTTKY BARRIER RECTIFIERS 1 A, SILICON, SIGNAL DIODE, DO-213AB Quad Wide-Bandwidth High-Output-Drive Op Amp 20-HTSSOP 0 to 70 Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N6843 |
Schottky Rectifier 100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
|
Microsemi Corporation
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
FST30050 FST30035 FST30040 FST30045 FST30035A FST3 |
Schottky Rectifier Schottky PowerMod 150 A, 35 V, SILICON, RECTIFIER DIODE, TO-244AB
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-COLORADO
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
20CLQ045 20CLQ045PBF |
20 A, 45 V, SILICON, RECTIFIER DIODE SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 20A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
IRF[International Rectifier]
|
DSSK50-01A |
Power Schottky Rectifier with common cathode 25 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|