PART |
Description |
Maker |
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
RA507GP RA501GP RA502GP RA503GP RA504GP RA505GP RA |
50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts 50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts 50 A, 800 V, SILICON, RECTIFIER DIODE 50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts 50 A, 100 V, SILICON, RECTIFIER DIODE
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
HER107G HER103G HER108G HER101G |
1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
|
UNIOHM CORPORATION
|
HER107G HER103G HER108G HER101G |
1.0 AMP. Glass Passivated High Efficient Rectifiers
|
Taiwan Semiconductor Company, Ltd
|
GP410 GP402 GP406 GP400 GP404 GP408 GP401 |
4 AMP HIGH RELIABILITY SOFT GLASS PASSIVATED SILICON DIODES
|
DIOTEC Electronics Corporation
|
PF6HZ |
4 Amp High Reliability Soft Glass Passivated Silicon Diodes
|
Diotec Electronics
|
1H4G 1H2G 1H1G 1H3G 1H5G 1H6G |
1.0 Amp Glass Passivated High Efficient Rectifier 50 - 1000 Volts
|
Micro Commercial Components
|
EGP30A08 |
3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
1N5394GP 1N5395GP 1N5393GP 1N5399GP 1N5391GP 1N539 |
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 300 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
HT11G10 HT17G |
1.0 AMP. Glass Passivated High Efficient Rectifiers 1 A, 800 V, SILICON, SIGNAL DIODE
|
Taiwan Semiconductor Company, Ltd
|
DL400111 DL4001-TP DL4002-TP |
1 Amp Glass Passivated Rectifier 50 to 1000 Volts RECT PASSIVATED 1A 50V SMD MELF RECT PASSIVATED 1A 100V SMD MELF
|
Micro Commercial Components
|
EGP10A08 EGP10B-TP |
1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts DIODE GPP 1A 100V HI EFF DO41 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components, Corp.
|