PART |
Description |
Maker |
IRFP460 6179 -IRFP460 |
N-Channel 500V-0.22惟-20A- TO-247 PowerMESH MOSFET(N娌??MOSFET) N-Channel 500V-0.22Ω-20A- TO-247 PowerMESH MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESH MOSFET的(不适用沟道MOSFET的) N-Channel Power MOSFET N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
|
IXYS, Corp. 意法半导 ST Microelectronics STMicroelectronics
|
STW20NB50 4829 |
N-Channel 500V-0.22Ω-20A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESHTM MOSFET的(不适用沟道MOSFET的) From old datasheet system N - CHANNEL 500V - 0.22 - 20A - TO-247 PowerMESH TM MOSFET
|
STMicroelectronics N.V.
|
FDPF20N50FT FDP20N50F |
N-Channel UniFETTM FRFETMOSFET 500V, 20A, 260 m N-Channel UniFETTM FRFETMOSFET 500V, 20A, 260m
|
Fairchild Semiconductor
|
FDP20N50F |
N-Channel MOSFET, FRFET 500V, 20A, 0.26
|
Fairchild Semiconductor Corporation
|
IRHNA7460SE |
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
|
IRF[International Rectifier]
|
STB20NM50FDT4 STF20NM50D |
N-CHANNEL 500V 0.22 OHM 20A TO-220/TO-220FP/D2PAK FDMESH POWER MOSFET
|
ST Microelectronics
|
IRFP460N IRFP460NPBF |
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)最大值\u003d 0.24ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
IRFU420B IRFR420B IRFU420BTU IRFR420BTM IRFR420BTF |
500V N-Channel B-FET / Substitute of IRFR420 & IRFR420A 500V N-Channel B-FET / Substitute of IRFU420 & IRFU420A 500V N-Channel MOSFET 2.3 A, 500 V, 2.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] International Rectifier Fairchild Semiconductor, Corp.
|
APT5027 APT5027BVR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs POWER MOS V 500V 20A 0.270 Ohm
|
Advanced Power Technolo... ADPOW[Advanced Power Technology]
|
APT5028BVR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. 电源MOS V是一个高电压N新一代通道增强型功率MOSFET POWER MOS V 500V 20A 0.280 Ohm
|
Advanced Power Technology, Ltd. ADPOW[Advanced Power Technology]
|