PART |
Description |
Maker |
ZL60003TBD ZL60006TED ZL60006_TDD ZL60006_TBD ZL60 |
1310 nm, 1550 nm 622 Mbps PIN with preamplifier. RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps 1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier 1310nm, 1550nm 622Mbps PIN with Preamplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|
SBH52414G SBH51414G SBH52414N SBH52414Z SBH51414N |
High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving AC Series Door Switch, Single Pole Double Throw Circuitry, 10 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination
|
http:// INFINEON[Infineon Technologies AG]
|
CT2-LI1LFTD31C CT2-LI1MFTD31C CT2-LI1PFTD31C CT2-L |
OC-3 SFP Transceiver (1310 nm and 1550 nm)
|
JDS Uniphase Corporation JDS Uniphase Corporatio...
|
ZL60006/TBD ZL60006/TDD ZL60006TED ZL60006TBD ZL60 |
1310 nm, 1550 nm 2.5 Gbps PIN with preamplifier.
|
Zarlink Semiconductor Inc
|
BTR-7700ACMG BTR-7700AMG BTR-7700CMG BTR-7700MG |
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber MM Transceiver
|
Optoway Technology Inc.
|
BTR-3621G OPTOWAYTECHNOLOGYINC.-BTR-3621G |
1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
|
Optoway Technology Inc.
|
BTR-7600AMG BTR-7600MG BTR-7600CMG BTR-7600ACMG |
1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber MM Transceiver
|
Optoway Technology Inc.
|
BTR-7600MG BTR-7600CMG BTR-7600AMG BTR-7600ACMG |
1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber MM Transceiver
|
Optoway Technology Inc
|
SPB-8640LG SPB-8640BLG SPB-8640ALG |
1310 nm TX / 1550 nm RX , 3.3V / 4.25 Gbps 1-Fiber SMLC SFP Transceiver
|
http://
|