PART |
Description |
Maker |
SBH52444G-FSAN SBH52444X SBH52444Z-FSAN SBH52444N- |
High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving Components and FTTx solutions - Tx 1310nm/Rx 1550nm, 155 MBit/s TIA High Power BIDI Optical Standard Module 1310 nm Emitting 1550 nm Receiving From old datasheet system High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving Snap-in Panel Mount Switch, Double Pole Double Throw (DPDT) Circuitry, 10 A at 277 Vac, Bullet Nose Plunger Actuator, Silver Contacts, Quick Connect Termination
|
http:// INFINEON[Infineon Technologies AG]
|
CT2-LI1LFTD31C CT2-LI1MFTD31C CT2-LI1PFTD31C CT2-L |
OC-3 SFP Transceiver (1310 nm and 1550 nm)
|
JDS Uniphase Corporation JDS Uniphase Corporatio...
|
MWDMGFTTXH0111 MWDMGFTTXH0112 MWDMGFTTXH0115 MWDMG |
FTTX 1310/1490/1550 WDM
|
OPLINK Communications Inc.
|
MF443 MF443PT MF443ST |
1310 nm, 1550 nm, 155 Mbps PIN with Preamplifier
|
Zarlink Semiconductor Inc
|
BTR-3621G OPTOWAYTECHNOLOGYINC.-BTR-3621G |
1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
|
Optoway Technology Inc.
|
SPB-9740AG SPB-9740BG SPB-9740G08 SPB-9740BLG |
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|
BTR-3721G |
1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
|
Optoway Technology Inc
|
SPB-9705LG SPB-9705BG SPB-9705BLG SPB-9705G |
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|
SPB-9640AMG SPB-9640AMLG SPB-9640BMG SPB-9640BMLG |
1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|