PART |
Description |
Maker |
AWS5518 AWS5518S14 |
The AWS5518 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-26 plastic package. Switches GaAs IC SPDT Reflective Switch DC-2.0 GHz
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
AWS5506 AWS5506S14 AWS5506_REV_2.1 |
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz 0 MHz - 2500 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 1.1 dB INSERTION LOSS From old datasheet system The AWS5506 is a Single Pole Double Throw GaAs MMIC Switch assembled in a SOT-6 plastic package.
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
SW-137-PIN |
10 MHz - 3000 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 1.6 dB INSERTION LOSS GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
|
MACOM[Tyco Electronics] http://
|
SW-106PIN SW-276PIN SW-106SW-276 |
High Power GaAs SPDT Switch DC - 3 GHz SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 3 A, Pin Plunger Actuator, Solder Termination High Power GaAs SPDT Switch DC3 GHz Schottky Barrier Diodes
|
Tyco Electronics
|
SW-207PIN SW-207 |
GaAs SPDT Switch 5 - 3000 MHz
|
MACOM[Tyco Electronics]
|
AWS5503 AWS5503S15 |
The AWS5503 is a Single Pole Double Throw (SPDT) GaAs MMIC assembled in a MSOP-8 plastic package. GaAs IC High Power SPDT Reflective Switch Positive Control DC-3 GHz
|
Anadigics Inc
|
AWS5502 AWS5502S14 |
The AWS5502 is a Single Pole Double Throw GaAs MMIC Switch assembled in a SOT-6 plastic package. Switches GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
PE42420 |
UltraCMOS SPDT RF Switch 100 ?6000 MHz
|
Peregrine Semiconductor
|
4235 PE4235 PE4235-EK 4235-52 4235-00 4235-01 4235 |
SPDT UltraCMOSRF Switch DC - 4000 MHz SPDT UltraCMOS RF Switch DC - 4000 MHz SPDT UltraCMOS⑩ RF Switch DC - 4000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
SW10-0313 |
DC-3 GHz, matched GaAs SPDT reflective switch Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input Matched GaAs SPDT Switch / DC - 3 GHz with TTL/CMOS Control Input
|
MA-Com Tyco Electronics
|