PART |
Description |
Maker |
C788407 C7884-01 C7884G C7884G-01 |
High-precision driver circuit for current-output type NMOS linear image sensor
|
Hamamatsu Corporation
|
S3924-256Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit
|
Hamamatsu Corporation
|
TCD2558D |
IMAGE SENSOR-CCD, 5-7V, RECTANGULAR, THROUGH HOLE MOUNT The TCD2558D is a high sensitive and low dark current 5340 elements 3 line CCD color image sensor which includes CCD drive circuit, clamp circuit. TOSHIBA CCD Linear Image Sensor CCD (charge coupled device) 东芝防治荒漠化公约线性图像传感器CCD(电荷耦合器件
|
Toshiba Semiconductor Toshiba, Corp.
|
TH7834CNBSP TH7834C TH7834CCC-RB |
Very Highresolution Linear CCD Image Sensor (12000 Pixels) Very high resolution Linear CCD Image Sensor, 12000 Pixels
|
ATMEL Corporation
|
MN39116AT |
Diagonal 4.5 mm (type-1/4) 270k-pixel CCD Area Image Sensor IMAGE SENSOR-CCD, SQUARE, THROUGH HOLE MOUNT Image Sensor - Surveillance Cameras(B/W)
|
Panasonic, Corp.
|
ILX554B |
2048-pixel CCD Linear Sensor(B/W) for CCD IMAGE SENSOR 2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
|
SONY[Sony Corporation]
|
G9202 G9202-512R G9202-512S G9201-256R G9201-256S |
InGaAs linear image sensor InGaAs linear image sensor 铟镓砷线性图像传感器
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
IA3008-CB20A |
Contact Image Sensor Heads > IA-CB/FA Series Color image sensor heads for multi-function Color image sensor head (300dpi)
|
ROHM[Rohm] Rohm CO.,LTD.
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|