PART |
Description |
Maker |
LT3024EDE LT3024EFE LT3024 |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
2213M-3.0E1 AP2213D-2.5TRE1 AP2213D-3.0E1 AP2213M- |
500mA LOW NOISE LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500mA LOW NOISE LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500mA LOW NOISE LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. Interpower, Corp. BCD SEMICONDUCTOR MANUFACTURING LTD
|
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
AMC8877-1.8DBT AMC8877-2.5DBT AMC8877-2.8DBT AMC88 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 LOW NOISE 300mA LOW DROPOUT REGULATOR
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ADD Microtech Corp
|
BD00KA5WFP |
Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
|
ROHM[Rohm]
|
BD00KA5WF |
Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
|
ROHM[Rohm]
|
MIC523707 MIC5237-3.3BU MIC5237-3.3YU MIC5237-2.5Y |
500mA Low-Dropout Regulator IC REG LDO 500MA 3.3V TO263 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3
|
Micrel Semiconductor, Inc.
|
APL5501-13BC APL5501-13DC APL5501-14BC APL5501-14D |
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
|
Anpec Electronics Coropration
|
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|