PART |
Description |
Maker |
AT45DB2562NBSP AT45DB2562 |
256M bit, 2.7-Volt Only Dual-Interface Flash. This document is only available under NDA. Please cont From old datasheet system
|
Atmel Corp
|
P5CD012 P5CD012A4 P5CD012A6 P5CD012UA P5CD012UE P5 |
Secure dual interface and contact PKI smart card controller SPECIALTY MICROPROCESSOR CIRCUIT, DMA
|
NXP Semiconductors N.V.
|
M58LT128HSB8ZA6 M58LT128HSB8ZA6E M58LT128HSB8ZA6F |
128 Mbit (8 Mb 】16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
|
Numonyx B.V
|
M58LT128HSB M58LT128HST M58LT128HST8ZA6E M58LT128H |
128-Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
|
STMicroelectronics
|
1331 1332 1320G1BLACK 1327 1300 110G9 1377G1 1377G |
CONTACT 15A CRIMP/SOLDER POWERPOLE HOUSING & CONT.BLK POWERPOLE HOUSING RED POWERPOLE HOUSING & CONT.BLUE CONTACT 25A 90DEG PCB 0.7 CONTACT 25A VERTICAL PCB MTG POWERPOLE HOUSING & CONT. RED PLUG FREE LATCHED 6 WAY CONTACT 25A 90DEG PCB 0.4 联系25A90度板0.4 CONTACT 30A CRIMP/SOLDER 联系30A条卷 POWERPOLE HOUSING & CONT. RED POWERPOLE房屋 LOCKING PIN POWERPACK 锁销强力 POWERPOLE HOUSING GREEN POWERPOLE房屋
|
3M Company Anderson Power Products, Inc.
|
SML9030-T254 SML9030T254 |
P-Channel MOS Transistor(Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω)(P沟道MOS晶体Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω))
|
Semelab(Magnatec) TT electronics Semelab Limited Seme LAB
|
AT91SC25672RC |
Low-power, high-performance, 32-bit RISC secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. 32-bit Secure Microcontroller for Smart Cards A
|
ATMEL[ATMEL Corporation]
|
CAT5269YI-50TE13 CAT5269 CAT5269JI-00TE13 CAT5269J |
Dual DPP with 256 Taps and 2-wire Interface 132dB SNR Highest Performance Stereo Audio DAC (H/W Control) 28-SSOP -25 to 85 DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 LEAD-FREE, TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 LEAD-FREE, TSSOP-24 DPP, NV, Dual 256 taps, I<sup>2</sup>C DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 DPP, NV, Dual 256 taps, I<sup>2</sup>C DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface 双数字可编程电位计(民进党)56丝锥线接
|
CATALYST[Catalyst Semiconductor] ON Semiconductor
|
FST71100SM FST7135SM FST7160SM FST7180SM FST7120SM |
70A, 20V ultra fast recovery rectifier 70 Amp Rectifier 20 to 100 Volts Schottky Barrier MOSFET; Transistor Polarity:N Channel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes MOSFET, DUAL NN SO-8MOSFET, DUAL NN SO-8; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:7.5A; Current, Idm pulse:30A; Power, Pd:1.1W; Resistance, Rds on:0.022R; SMD:1;
|
MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
X9418 X9418WP24 X9418WP24-2.7 X9418WP24I X9418WP24 |
Dual 64 tap XDCP potentiometer,low power two-wire interface, dual supply Dual Digitally Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
IDT75K72234 |
18M Network Search Engine (NSE) with Dual LA-1 Interface (QDR?II Interface Compliant) 18M Network Search Engine (NSE) with Dual LA-1 Interface (QDR⑩II Interface Compliant)
|
Integrated Device Technology
|