PART |
Description |
Maker |
AD260 AD260BND-5 AD260AND-0 AD260AND-1 AD260AND-2 |
High Speed, Logic Isolator with Power Transformer SPECIALTY INTERFACE CIRCUIT, PQIP22 High Speed/ Logic Isolator with Power Transformer High Speed Logic Isolator with Power Transformer 40 MBd five channel digital isolator isolated power for Fieldbus, Microcontroller/peripheral interface and data transmission
|
Analog Devices, Inc. AD[Analog Devices]
|
MT5355-UV |
Dimension in mm High power, high-speed, narrow beam angle, high reliablitiy
|
Marktech Corporate
|
MT5400-UV-HP |
Dimension in mm High power, high-speed, narrow beam angle, high reliablitiy
|
Marktech Corporate
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
FS50UMJ-3 |
Power MOSFETs: FS Series, Low Voltage, 150V for High-Speed Switching Use Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
X20C17PM-35 X20C17PM-45 X20C17PM-55 X20C17 X20C17P |
High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE⑩ NOVRAM High Speed AUTOSTORENOVRAM OSC 5V SMT 7X5 CMOS
|
XICOR[Xicor Inc.]
|
BUX41 |
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
|
Comset Semiconductor
|
BUX1212 |
HIGH CURRENT, HIGH SPEED , HIGH POWER TRANSISTOR
|
Comset Semiconductor
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BTS640S2 BTS640S2G BTS640S2S Q67060-S6307-A5 Q6706 |
High Speed CMOS Logic Dual 4-Stage Static Shift Registers 16-SOIC -55 to 125 智能感知高端功率开 High Speed CMOS Logic Quad Bilateral Switches 14-PDIP -55 to 125 Smart Sense High-Side Power Switch Smart High Side Switches - 5,0-34V, 30mΩ Limit(scr) 24A
|
INFINEON[Infineon Technologies AG]
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|