PART |
Description |
Maker |
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
TMC3533KRC50 TMC3533 TMC3533KRC30 TMC3533KRC80 TMC |
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 0.015 us SETTLING TIME, 8-BIT DAC, PQCC44 From old datasheet system Triple Video D/A Converter 8 bit/ 80 Msps/ 3.3V 30MHz Triple 8-Bit 3V Video D/A Converter 50MHz Triple 8-Bit 3V Video D/A Converter 80MHz Triple 8-Bit 3V Video D/A Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ICL7135C_D ICL7135CJI ICL7135CPI ICL7135CQI ICL713 |
4Digit A/D Converter with Multiplexed BCD Outputs 1-CH 4-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 4? Digit A/D Converter with Multiplexed BCD Outputs 4 Digit A/D Converter with Multiplexed BCD Outputs 4 1/2 Digit A/D Converter with Multiplexed BCD Outputs From old datasheet system 4? Digit A/D Converter with Multiplexed BCD Outputs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
REC5-1215SRWZ REC5-1215SRW REC5-1212SRWZ REC5-1212 |
5W DC/DC converter with 68V input, -12V/ -230mA output, 2kV isolation ECONOLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power] RECOM Power Inc.
|
DC/DCTMV-1212S DC/DCTMV-1205S DC/DCTMV-2405D DC/DC |
DC/DC Converter 1Watt(41.50 k) 直流/直流转换瓦(41.50十一 DC/DC Converter 2-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
TRACO ELECTRONIC AG
|
AFL2808SX/CH AFL2812SX/ES AFL2828SW/ES AFL2812S AF |
Hi-Rel DC-DC Standard Single Converter in a AFL package DC to DC Converter
|
International Rectifier
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
UPC6012 UPC6012C |
Converter IC 12 Bit High Speed Multiplying D/A Converter
|
NEC
|
KWD-1205 KWD-1205T KWD-1212 KWS-1205 KWS-1209T KWS |
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
KAWD-1205 KAWD-1212 KAWD-1215 KAWD-2405 KAWD-2412 |
DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
AD636J AD636JD AD636JH AD636 AD636K AD636KD AD636K |
DIODE SCHOTTKY SINGLE 50V 333mW 0.41V-vf 15mA-IFM 1mA-IF 0.2uA-IR SOD-123 3K/REEL RMS TO DC CONVERTER, 0.1 MHz, CDIP14 Low Level/ True RMS-to-DC Converter Low Level, True RMS-to-DC Converter
|
Analog Devices, Inc. AD[Analog Devices] http://
|