PART |
Description |
Maker |
IRS26072DSPBF |
The IRS26072D is a high voltage, high speed power MOSFET and IGBT driver with independent high and low side referenced output channels.
|
International Rectifier
|
IXGE75N100Z IXGE50N90Z IXTE9N65X4U IXGE50N50Z |
TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 1KV V(BR)CES | 75A I(C) TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 900V V(BR)CES | 50A I(C) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 650V V(BR)DSS | 9A I(D) 晶体管| MOSFET功率模块|独立|650V五(巴西)直| 9A条(丁) TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 500V V(BR)CES | 50A I(C) 晶体管| IGBT功率模块|独立| 500V五(巴西)国际消费电子展| 50A条一(c
|
IXYS, Corp.
|
AN4291 |
STEVAL385LED4CH: four independent high brightness LED
|
STMicroelectronics
|
LM358 |
contains two independent high gain operational amplifiers with internal compensation
|
Estek Electronics Co. Ltd
|
STPS16035T STPS16035TV |
ARRAY OF INDEPENDENT DIODES|SOT-227A ARRAY OF INDEPENDENT DIODES|SOT-227B
|
|
EDI5LM32128C150AM EDI5LM32128C120AI EDI5LM32128C12 |
General Purpose High Current NPN Transistor Array; Temperature Range: -55°C to 125°C; Package: 16-PDIP Dual Independent Differential Amp for Low Power Applications from DC to 120MHz; Temperature Range: 0°C to 70°C; Package: 14-PDIP Dual Independent Differential Amp for Low Power Applications from DC to 120MHz; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R General Purpose High Current NPN Transistor Array; Temperature Range: -55°C to 125°C; Package: 16-SOIC T&R Dual Independent Differential Amp for Low Power Applications from DC to 120MHz; Temperature Range: 0°C to 70°C; Package: 14-PDIP X32号的EEPROM模块 General Purpose High Current NPN Transistor Array; Temperature Range: -55°C to 125°C; Package: 16-SOIC T&R X32号的EEPROM模块 Dual Independent Differential Amp for Low Power Applications from DC to 120MHz; Temperature Range: 0°C to 70°C; Package: 14-SOIC
|
Calogic, LLC Hangzhou Silan Microelectronics Co., Ltd.
|
CYV15G0203TB CYV15G0203TB-BGC |
Independent Clock Dual HOTLink II Serializer Independent Clock Dual HOTLink II Serializer
|
Cypress Semiconductor
|
CA3052 |
Four Independent AC Amplifiers
|
ETC
|
LTC3216EDEPBF LTC3216EDETRPBF LTC3216-15 |
1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 1.5 A SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO12
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
SGM70XX |
Pressure independent & temperature compensated
|
List of Unclassifed Man...
|
ED0515S-1W ED0509S-1W ED2405S-1W ED2409S-1W |
TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology... MORNSUN Science& Techno...
|
SI-38-DC |
Dual independent 1080p playback
|
List of Unclassifed Man...
|