PART |
Description |
Maker |
JANTX469-3 JAN469-1 JAN469-2 JAN469-3 JANTX469-1 J |
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved 10 A, 460 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES/ 10 AMP/ Military Approved Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
MB3505-BC01 MB351-BC01 MB352-BC01 MB354-BC01 MB356 |
35A, 600V ultra fast recovery rectifier 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
ISL6322GCRZ ISL6322GIRZ ISL6322GCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil Corporation Intersil, Corp.
|
GBL401 |
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
|
Goodwork Semiconductor ...
|
2W10 2W005 2W01 2W02 2W04 2W06 2W08 |
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
|
BYTES[Bytes]
|
JANSPC25 JANSPD25 JANSPB25 JANSPA25 JANSPA2507 |
25 Amp Single Phase Bridge Rectifiers
|
Microsemi Corporation
|
KBJ401 |
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
|
Goodwork Semiconductor ...
|
GBU608 |
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
|
Nanjing International G...
|
KBJ1006 KBJ1002 KBJ1005 KBJ1007 KBJ1001 KBJ1004 |
SINGLE PHASE 10.0 AMP BRIDGE RECTIFIERS
|
Goodwork Semiconductor ...
|
BR68 BR605 BR61 BR610 BR64 BR66 |
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
|
BYTES[Bytes]
|